Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC4538AP Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC74HC4538AP
Description  Dual Retriggerable Monostable Multivibrator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC4538AP Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC74HC4538AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC4538AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC4538AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC4538AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC4538AP_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74HC4538AP_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74HC4538AP_07 Datasheet HTML 10Page - Toshiba Semiconductor TC74HC4538AP_07 Datasheet HTML 11Page - Toshiba Semiconductor TC74HC4538AP_07 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TC74HC4538AP/AF/AFN/AFT
2007-10-01
8
Timing Requirements (input: tr = tf = 6 ns)
Test Condition
Ta = 25°C
Ta =
−40 to
85°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Limit
Unit
Minimum pulse width
(A, B )
tw (L)
tw (H)
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum clear width
( CD )
tw (L)
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum clear removal time
trem
2.0
4.5
6.0
15
5
5
15
5
5
ns
RX = 1 kΩ
CX = 100 pF
2.0
4.5
6.0
380
92
72
ns
Minimum retrigger time
trr
RX = 1 kΩ
CX = 0.01 μF
2.0
4.5
6.0
6.0
1.4
1.2
μs
AC Characteristics (CL = 15 pF, VCC = 5 V, Ta = 25°C, input: tr = tf = 6 ns)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output transition time
tTLH
tTHL
6
12
ns
Propagation delay time
(A, B -Q,
Q )
tpLH
tpHL
25
44
ns
Propagation delay time
( CD -Q, Q)
tpLH
tpHL
21
34
ns


Similar Part No. - TC74HC4538AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
More results

Similar Description - TC74HC4538AP_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
   Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
   Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123A ONSEMI-74VHC123A Datasheet
467Kb / 16P
   Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC123ASJX FAIRCHILD-74VHC123ASJX Datasheet
469Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com