Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC7240AP Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74HC7240AP
Description  Octal Bus Buffer (with schmitt trigger inputs)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC7240AP Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74HC7240AP_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74HC7240AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC7240AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC7240AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC7240AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC7240AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC7240AP_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC74HC7240,7244AP/AF
2007-10-01
3
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2 to 6
V
Input voltage
VIN
0 to VCC
V
Output voltage
VOUT
0 to VCC
V
Operating temperature
Topr
40 to 85
°C
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
=
40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Positive threshold
voltage
VP
2.0
4.5
6.0
1.0
2.3
3.0
1.25
2.7
3.5
1.5
3.15
4.2
1.0
2.3
3.0
1.5
3.15
4.2
V
Negative threshold
voltage
VN
2.0
4.5
6.0
0.3
1.13
1.5
0.65
1.6
2.3
0.9
2.0
2.6
0.3
1.13
1.5
0.9
2.0
2.6
V
Hysteresis voltage
VH
2.0
4.5
6.0
0.3
0.6
0.8
0.6
1.1
1.2
1.0
1.4
1.7
0.3
0.6
0.8
1.0
1.4
1.7
V
IOH = −20 μA
2.0
4.5
6.0
1.9
4.4
5.9
2.0
4.5
6.0
1.9
4.4
5.9
High-level output
voltage
VOH
VIN
= VIH or VIL
IOH = −6 mA
IOH = −7.8 mA
4.5
6.0
4.18
5.68
4.31
5.80
4.13
5.63
V
IOL = 20 μA
2.0
4.5
6.0
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or VIL
IOL = 6 mA
IOL = 7.8 mA
4.5
6.0
0.17
0.18
0.26
0.26
0.33
0.33
V
3-state output
off-state current
IOZ
VIN = VIH or VIL
VOUT = VCC or GND
6.0
±0.5
±5.0
μA
Input leakage
current
IIN
VIN = VCC or GND
6.0
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
6.0
4.0
40.0
μA


Similar Part No. - TC74HC7240AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC7240AP TOSHIBA-TC74HC7240AP Datasheet
215Kb / 5P
   OCTAL BUS BUFFER (WITH SCHMITT TRIGGER INPUTS)
More results

Similar Description - TC74HC7240AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC7240AP TOSHIBA-TC74HC7240AP Datasheet
215Kb / 5P
   OCTAL BUS BUFFER (WITH SCHMITT TRIGGER INPUTS)
logo
Renesas Technology Corp
HD74LV1GW17A RENESAS-HD74LV1GW17A_15 Datasheet
156Kb / 7P
   Dual Buffer with Schmitt Trigger Inputs
HD74LV1GW17A RENESAS-HD74LV1GW17A_06 Datasheet
86Kb / 6P
   Dual Buffer with Schmitt Trigger Inputs
HD74LV1GW17A RENESAS-HD74LV1GW17A Datasheet
72Kb / 8P
   Dual Buffer with Schmitt Trigger Inputs
logo
Toshiba Semiconductor
TC74VHCV240FK TOSHIBA-TC74VHCV240FK Datasheet
199Kb / 9P
   Octal Schmitt Bus Buffer
TC74VHCV540FK TOSHIBA-TC74VHCV540FK Datasheet
201Kb / 9P
   Octal Schmitt Bus Buffer
logo
Fairchild Semiconductor
NC7NZ17 FAIRCHILD-NC7NZ17 Datasheet
219Kb / 8P
   TinyLogic. UHS Triple Buffer with Schmitt Trigger Inputs
NC7WZ17 FAIRCHILD-NC7WZ17_12 Datasheet
379Kb / 9P
   TinyLogic짰 UHS Dual Buffer with Schmitt Trigger Inputs
NC7NZ17 FAIRCHILD-NC7NZ17_05 Datasheet
211Kb / 8P
   TinyLogic UHS Triple Buffer with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ17 ONSEMI-NC7WZ17_V01 Datasheet
409Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
March, 2022 - Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com