Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC4538AFT Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74HC4538AFT
Description  Dual Retriggerable Monostable Multivibrator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC4538AFT Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74HC4538AFT Datasheet HTML 1Page - Toshiba Semiconductor TC74HC4538AFT Datasheet HTML 2Page - Toshiba Semiconductor TC74HC4538AFT Datasheet HTML 3Page - Toshiba Semiconductor TC74HC4538AFT Datasheet HTML 4Page - Toshiba Semiconductor TC74HC4538AFT Datasheet HTML 5Page - Toshiba Semiconductor TC74HC4538AFT Datasheet HTML 6Page - Toshiba Semiconductor TC74HC4538AFT Datasheet HTML 7Page - Toshiba Semiconductor TC74HC4538AFT Datasheet HTML 8Page - Toshiba Semiconductor TC74HC4538AFT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TC74HC4538AP/AF/AFN/AFT
2007-10-01
3
Block Diagram (Note 1)(Note 2)
Note 1: CX, RX, DX are external.
Capacitor, resistor, and diode, respectively.
Note 2: External clamping diode, DX
The external capacitor is charged to VCC level in the wait state, i.e. when no trigger is applied. Supply
voltage is turned off and CX is discharged mainly through the internal (parasitic) diode. If CX is sufficiently
large and VCC drops rapidly, there will be some possibility of damaging the IC by rush current or latch-up. If
the capacitance of the supply voltage filter is large enough and VCC drops slowly, the rush current is
automatically limited and damage to the IC is avoided.
The maximum value of forward current through the parasitic diode is ±20 mA.
In the case of a large CX, the limitation of fall time of the supply voltage is determined as follows:
tf ≥ (VCC − 0.7) CX/20 mA
(tf is the time from the voltage supply turning off to the level of supply voltage reaching 0.4 VCC.)
In the care of a system that does not satisfy the above condition, an external clamping diode is needed to
protect the IC from rush current.
CX
4
5
6
7
1
2
DX
VCC
RX
T1
T2
3
CD
A
B
Q
Q
CX
12
11
10
9
15
14
DX
VCC
RX
T1
T2
13
CD
A
B
Q
Q


Similar Part No. - TC74HC4538AFT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4538AFT TOSHIBA-TC74HC4538AFT Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
More results

Similar Description - TC74HC4538AFT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
   Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
   Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123A ONSEMI-74VHC123A Datasheet
467Kb / 16P
   Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC123ASJX FAIRCHILD-74VHC123ASJX Datasheet
469Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com