Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC7292AF Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC74HC7292AF
Description  Programmable Divider/Timer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC7292AF Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74HC7292AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC7292AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC7292AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC7292AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC7292AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC7292AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC7292AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC7292AF Datasheet HTML 9Page - Toshiba Semiconductor TC74HC7292AF Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TC74HC7292AP/AF
2007-10-01
6
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
4.5
6.0
1.50
3.15
4.20
1.50
3.15
4.20
V
Low-level input
voltage
VIL
2.0
4.5
6.0
0.50
1.35
1.80
0.50
1.35
1.80
V
IOH = −20 μA
2.0
4.5
6.0
1.9
4.4
5.9
2.0
4.5
6.0
1.9
4.4
5.9
High-level output
voltage (Q)
VOH
VIN
= VIH or
VIL
IOH = −4 mA
IOH = −5.2 mA
4.5
6.0
4.18
5.68
4.31
5.80
4.13
5.63
V
IOL = 20 μA
2.0
4.5
6.0
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage (Q)
VOL
VIN
= VIH or
VIL
IOL = 4 mA
IOL = 5.2 mA
4.5
6.0
0.17
0.18
0.26
0.26
0.33
0.33
V
Input leakage
current
IIN
VIN = VCC or GND
6.0
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
6.0
4.0
40.0
μA
Timing Requirements (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
−40 to
85°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Limit
Unit
Minimum pulse width
(CK)
tW (L)
tW (H)
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum pulse width
(
CLR )
tW (L)
2.0
4.5
6.0
175
35
30
220
44
37
ns
Minimum removal time
trem
2.0
4.5
6.0
5
5
5
5
5
5
ns
Clock frequency
f
2.0
4.5
6.0
5
27
32
4
22
26
MHz


Similar Part No. - TC74HC7292AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC7292AF TOSHIBA-TC74HC7292AF Datasheet
300Kb / 7P
   PROGRAMMABLE DIVIDER/TIMER
More results

Similar Description - TC74HC7292AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC7292AP TOSHIBA-TC74HC7292AP Datasheet
300Kb / 7P
   PROGRAMMABLE DIVIDER/TIMER
logo
STMicroelectronics
M54HC292 STMICROELECTRONICS-M54HC292 Datasheet
299Kb / 14P
   PROGRAMMABLE DIVIDER/TIMER
M74HC292 STMICROELECTRONICS-M74HC292 Datasheet
469Kb / 12P
   PROGRAMMABLE DIVIDER/TIMER
M74HC294 STMICROELECTRONICS-M74HC294 Datasheet
422Kb / 11P
   PROGRAMMABLE DIVIDER/TIMER
logo
Renesas Technology Corp
HD74HC292 RENESAS-HD74HC292 Datasheet
123Kb / 10P
   Programmable Frequency Divider/Digital Timer
logo
Hitachi Semiconductor
HD74HC292 HITACHI-HD74HC292 Datasheet
68Kb / 12P
   Programmable Frequency Divider/Digital Timer
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
   Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
   Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
   Programmable Timer
logo
SELEC Controls Pvt. Ltd
XT532 SELEC-XT532 Datasheet
135Kb / 2P
   PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com