Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PP150T060 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # PP150T060
Description  POW-R-PAK 150A / 600V 3 phase IGBT Assembly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PP150T060 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  PP150T060 Datasheet HTML 1Page - Powerex Power Semiconductors PP150T060 Datasheet HTML 2Page - Powerex Power Semiconductors PP150T060 Datasheet HTML 3Page - Powerex Power Semiconductors PP150T060 Datasheet HTML 4Page - Powerex Power Semiconductors PP150T060 Datasheet HTML 5Page - Powerex Power Semiconductors PP150T060 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TENTATIVE
PP150T060
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
POW-R-PAK
TM
150A / 600V
3 phase IGBT Assembly
PP150T060(-)
- 4 -
Gate Drive Board Interface Signal Definitions
Pin
Signal Name
Description
1
Shield
Connected to circuit ground
2
PWM A-
0-15 V signal controlling the duty cycle of A- IGBT
3
Phase A Error
1
Open collector output, external pull-up resistor required
LOW = No Error; Floating = Phase A overcurrent or short circuit
4
PWM A+
0-15 V signal controlling the duty cycle of A+ IGBT
5
PWM B-
0-15 V signal controlling the duty cycle of B- IGBT
6
Phase B Error
1
Open collector output, external pull-up resistor required
LOW = No Error; Floating = Phase B overcurrent or short circuit
7
PWM B+
0-15 V signal controlling the duty cycle of B+ IGBT
8
PWM C-
0-15 V signal controlling the duty cycle of C- IGBT
9
Phase C Error
1
Open collector output, external pull-up resistor required
LOW = No Error; Floating = Phase C overcurrent or short circuit
10
PWM C+
0-15 V signal controlling the duty cycle of C+ IGBT
11
Overtemp
1
Open collector output, external pull-up resistor required
LOW = No Error; Floating = heatsink overtemp
12
Not Connected
13
DC Link Voltage
Analog voltage representation of DC link voltage
14
24 VDC input power
2
20 – 30 VDC input voltage range
15
24 VDC input power
2
20 – 30 VDC input voltage range
16
15 VDC input power
2
14.4 – 18 VDC input voltage range
17
15 VDC input power
2
14.4 – 18 VDC input voltage range
18
GND
Ground reference for 15 and 24 VDC inputs
19
GND
Ground reference for 15 and 24 VDC inputs
20
Heatsink Temperature
Analog voltage representation of heatsink temperature
21
GND
3
Tied to pins 18 and 19
22
Iout Phase A
Analog voltage representation of phase A output current
23
GND
3
Tied to pins 18 and 19
24
Iout Phase B
Analog voltage representation of phase B output current
25
GND
3
Tied to pins 18 and 19
26
Iout Phase C
Analog voltage representation of phase C output current
Notes:
1.
Open collectors can be pulled up to 30 V max and sink 50mA continuous.
2.
Do not connect a 15 VDC and 24 VDC source to the unit at the same time, use one or the other.
3.
GND signals to be used for analog feedback signals, i.e. twisted pair with Iout Phase A.
Gate Drive Board Interface Connector
Description
Symbol
Type
Manufacturer
Gate Drive Board Interface Header
J1
0.100” x 0.100” latching header, 26 pin
3M# 3429-6002 or equivalent
Recommended Mating Socket
-
0.100” x 0.100” IDC socket, 26 pin
3M# 3399-7600 or equivalent
Recommended Strain Relief
-
Plastic strain relief
3M# 3448-3026 or equivalent


Similar Part No. - PP150T060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PP150T120 POWEREX-PP150T120 Datasheet
362Kb / 6P
   POW-R-PAK 150A / 1200V 3 phase IGBT Assembly
PP150T120-02 POWEREX-PP150T120-02 Datasheet
347Kb / 6P
   POW-R-PAK 150A / 1200V 3 ph IGBT converter assembly
PP150T120-08 POWEREX-PP150T120-08 Datasheet
391Kb / 6P
   POW-R-PAK 150A / 1200V Dual 3 phase IGBT Assembly
PP150T120-ND POWEREX-PP150T120-ND Datasheet
590Kb / 5P
   3-Phase POW-R-PAK??IGBT Assembly 150 Amperes/1200 Volts
More results

Similar Description - PP150T060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PP150T120 POWEREX-PP150T120 Datasheet
362Kb / 6P
   POW-R-PAK 150A / 1200V 3 phase IGBT Assembly
PP150T120-08 POWEREX-PP150T120-08 Datasheet
391Kb / 6P
   POW-R-PAK 150A / 1200V Dual 3 phase IGBT Assembly
PP100T060 POWEREX-PP100T060 Datasheet
361Kb / 6P
   POW-R-PAK 100A / 600V 3 phase IGBT Assembly
PP75T060 POWEREX-PP75T060 Datasheet
361Kb / 6P
   POW-R-PAK 75A / 600V 3 phase IGBT Assembly
PP150B060 POWEREX-PP150B060 Datasheet
361Kb / 6P
   POW-R-PAK 150A / 600V H-Bridge IGBT Assembly
PP400T060 POWEREX-PP400T060 Datasheet
362Kb / 6P
   POW-R-PAK 400A / 600V 3 phase IGBT Assembly
PP200T060 POWEREX-PP200T060 Datasheet
361Kb / 6P
   POW-R-PAK 200A / 600V 3 phase IGBT Assembly
PP150T120-02 POWEREX-PP150T120-02 Datasheet
347Kb / 6P
   POW-R-PAK 150A / 1200V 3 ph IGBT converter assembly
PP300T120 POWEREX-PP300T120 Datasheet
362Kb / 6P
   POW-R-PAK 300A / 1200V 3 phase IGBT Assembly
PP75T120 POWEREX-PP75T120 Datasheet
362Kb / 6P
   POW-R-PAK 75A / 1200V 3 phase IGBT Assembly
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com