Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PP200B060 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # PP200B060
Description  POW-R-PAK 200A / 600V H-Bridge IGBT Assembly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PP200B060 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  PP200B060 Datasheet HTML 1Page - Powerex Power Semiconductors PP200B060 Datasheet HTML 2Page - Powerex Power Semiconductors PP200B060 Datasheet HTML 3Page - Powerex Power Semiconductors PP200B060 Datasheet HTML 4Page - Powerex Power Semiconductors PP200B060 Datasheet HTML 5Page - Powerex Power Semiconductors PP200B060 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TENTATIVE
PP200B060
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
POW-R-PAK
TM
200A / 600V
H-Bridge IGBT Assembly
PP200B060(-)
- 1 -
Description:
The Powerex POW-R-PAK
TM is a configurable IGBT
based power assembly that may be used as a
converter, chopper, half or full bridge, or three phase
inverter for motor control, power supply, UPS or other
power conversion applications.
The power assembly is mounted on a forced air-
cooled heatsink and features state-of-the-art Powerex
F-series trench gate IGBTs with low conduction and
switching losses for high efficiency operation. The
POW-R-PAK
TM includes a low inductance laminated
bus structure, optically isolated gate drive interfaces,
isolated gate drive power supplies, and a DC-link
capacitor bank. The control board provides a
simple user interface along with built-in
protection features including overvoltage,
undervoltage lockout, overcurrent,
overtemperature, and short circuit detection.
Depending on application characteristics the
POW-R-PAK
TM is suitable for operation with DC
bus voltages up to 400VDC and switching
frequencies above 20kHz.
Schematic
Features:
High performance IGBT inverter bridge
Integrated gate drive with fault monitoring
& protection
System status / troubleshooting LEDs to
verify or monitor proper operation
Isolated gate drive power supplies
Low inductance laminated bus
Output current measurement & feedback
Superior short circuit detection & shoot
through prevention


Similar Part No. - PP200B060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PP200B120 POWEREX-PP200B120 Datasheet
361Kb / 6P
   POW-R-PAK 200A / 1200V H-Bridge IGBT Assembly
PP200B120-ND POWEREX-PP200B120-ND Datasheet
581Kb / 5P
   H-Bridge POW-R-PAK??IGBT Assembly 200 Amperes/1200 Volts
More results

Similar Description - PP200B060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PP200B120 POWEREX-PP200B120 Datasheet
361Kb / 6P
   POW-R-PAK 200A / 1200V H-Bridge IGBT Assembly
PP150B060 POWEREX-PP150B060 Datasheet
361Kb / 6P
   POW-R-PAK 150A / 600V H-Bridge IGBT Assembly
PP300B060 POWEREX-PP300B060 Datasheet
361Kb / 6P
   POW-R-PAK 300A / 600V H-Bridge IGBT Assembly
PP100B060 POWEREX-PP100B060 Datasheet
360Kb / 6P
   POW-R-PAK 100A / 600V H-Bridge IGBT Assembly
PP400B060 POWEREX-PP400B060 Datasheet
361Kb / 6P
   POW-R-PAK 400A / 600V H-Bridge IGBT Assembly
PP75B060 POWEREX-PP75B060 Datasheet
361Kb / 6P
   POW-R-PAK 75A / 600V H-Bridge IGBT Assembly
PP200T060 POWEREX-PP200T060 Datasheet
361Kb / 6P
   POW-R-PAK 200A / 600V 3 phase IGBT Assembly
PP75B120 POWEREX-PP75B120 Datasheet
361Kb / 6P
   POW-R-PAK 75A / 1200V H-Bridge IGBT Assembly
PP100B120 POWEREX-PP100B120 Datasheet
360Kb / 6P
   POW-R-PAK 100A / 1200V H-Bridge IGBT Assembly
PP150B120 POWEREX-PP150B120 Datasheet
361Kb / 6P
   POW-R-PAK 150A / 1200V H-Bridge IGBT Assembly
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com