Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HCT245AF Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74HCT245AF
Description  Octal Bus Transceiver (3-state)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HCT245AF Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74HCT245AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HCT245AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HCT245AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HCT245AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HCT245AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HCT245AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HCT245AF Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC74HCT245AP/AF
2007-10-01
4
AC Characteristics (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
CL (pF) VCC (V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
50
4.5
5.5
7
6
12
11
15
14
ns
50
4.5
5.5
13
11
22
20
28
25
Propagation delay
time
tpLH
tpHL
150
4.5
5.5
18
16
30
27
38
34
ns
50
4.5
5.5
19
16
30
27
38
34
3-state output enable
time
tpZL
tpZH
RL = 1 kΩ
150
4.5
5.5
24
22
38
34
48
43
ns
3-state output disable
time
tpLZ
tpHZ
RL = 1 kΩ
50
4.5
5.5
17
16
30
27
38
34
ns
Input capacitance
CIN
DIR, G
5
10
10
pF
Output capacitance
CI/O
An, Bn
13
pF
Power dissipation
capacitance
CPD
(Note)
41
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/8 (per bit)


Similar Part No. - TC74HCT245AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HCT245AF TOSHIBA-TC74HCT245AF Datasheet
229Kb / 6P
   OCTAL BUS TRANSCEIVER (3-STATE)
TC74HCT245AFW TOSHIBA-TC74HCT245AFW Datasheet
229Kb / 6P
   OCTAL BUS TRANSCEIVER (3-STATE)
More results

Similar Description - TC74HCT245AF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com