Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEH60Y48 Datasheet(PDF) 10 Page - Astec America, Inc

Part # AEH60Y48
Description  Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEH60Y48 Datasheet(HTML) 10 Page - Astec America, Inc

Back Button AEH60Y48 Datasheet HTML 6Page - Astec America, Inc AEH60Y48 Datasheet HTML 7Page - Astec America, Inc AEH60Y48 Datasheet HTML 8Page - Astec America, Inc AEH60Y48 Datasheet HTML 9Page - Astec America, Inc AEH60Y48 Datasheet HTML 10Page - Astec America, Inc AEH60Y48 Datasheet HTML 11Page - Astec America, Inc AEH60Y48 Datasheet HTML 12Page - Astec America, Inc AEH60Y48 Datasheet HTML 13Page - Astec America, Inc AEH60Y48 Datasheet HTML 14Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Technical Reference Notes (AEH60/ALH60F48)
MODEL: AEH/ALH60F48
SHEET 10 OF 21
SEPTEMBER 26, 2002 - REVISION 02
Performance Curves (continued)
CURRENT VS TEMPERATURE CURVES
Figure 9. Load Current VS. Temperature (Open Frame)
Figure 10. Load Current VS. Temperature (Baseplate)
3V3 ALH (Open Frame) Load Current VS. Temperature
0
10
20
30
40
50
60
25
30
35
40
45
50
55
60
65
70
75
80
85
AMBIENT TEMPERATURE (ºC)
Nat. Conv.
0.5 m/s (100 ft/min)
1.0 m/s (200 ft/min)
2.0 m/s (400 ft/min)
3V3 AEH (baseplate) Load Current VS. Temperature
0
10
20
30
40
50
60
25
30
35
40
45
50
55
60
65
70
75
80
85
AMBIENT TEMPERATURE (ºC)
Nat. Conv.
0.5 m/s (100 ft/min)
1.0 m/s (200 ft/min)
2.0 m/s (400 ft/min)


Similar Part No. - AEH60Y48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEH60Y48 ASTEC-AEH60Y48 Datasheet
506Kb / 2P
   Total Power: 250 Watts, Input Voltages: 48 V, No. of Outputs: Single
logo
Emerson Network Power
AEH60Y48 EMERSON-NETWORKPOWER-AEH60Y48 Datasheet
1Mb / 2P
   Ultra High Efficiency Half Brick
AEH60Y48N EMERSON-NETWORKPOWER-AEH60Y48N Datasheet
1Mb / 2P
   Ultra High Efficiency Half Brick
More results

Similar Description - AEH60Y48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ15XX48X ASTEC-ALQ15XX48X Datasheet
1Mb / 19P
   Industry Standard 쩌 Brick: 36V-75V Input / 60W Output Power
AEH80 ASTEC-AEH80 Datasheet
2Mb / 17P
   Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
ALQ40 ASTEC-ALQ40_03 Datasheet
215Kb / 16P
   Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
AEQ75Y48 ASTEC-AEQ75Y48 Datasheet
630Kb / 12P
   Industry Standard 쩌 Brick: 36V-75V Input / 1.8V @ 75A Output Current
AEQ15AF48 ASTEC-AEQ15AF48 Datasheet
1,017Kb / 15P
   Industry Standard 쩌 Brick w/ Baseplate: 36V-75V Input; 60W Output Power
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
logo
Power-One
HAS030ZH-AT POWER-ONE-HAS030ZH-AT Datasheet
124Kb / 3P
   Industry Standard Half-Brick
logo
Ericsson
PKJ4111EP ERICSSON-PKJ4111EP Datasheet
1Mb / 30P
   Industry standard Half-brick
logo
Power-One
HBS150ZG-ANT POWER-ONE-HBS150ZG-ANT Datasheet
121Kb / 3P
   Industry Standard Half- Brick
logo
Ericsson
PKB4711PINBM ERICSSON-PKB4711PINBM Datasheet
1Mb / 46P
   Industry standard Eighth-brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com