Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HCT573AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HCT573AP
Description  Octal D-Type Latch with 3-State Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HCT573AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HCT573AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HCT573AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HCT573AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HCT573AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HCT573AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HCT573AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HCT573AP Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC74HCT573AP/AF
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HCT573AP,TC74HCT573AF
Octal D-Type Latch with 3-State Output
The TC74HCT573A is a high speed CMOS OCTAL LATCH
with 3-STATE OUTPUT fabricated with silicon gate C2MOS
technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
Its inputs are compatible with TTL, NMOS, and CMOS output
voltage levels.
Its 8-bit D-type latch is controlled by a latch enable input (LE)
and an output enable input ( OE ).
When the OE input is high, the eight outputs are in a high
impedance state.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 18 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• Compatible with TTL outputs: VIL = 0.8 V (max)
VIH = 2.0 V (min)
• Output drive capability: 15 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 6 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Pin and function compatible with 74LS573
Pin Assignment
TC74HCT573AP
TC74HCT573AF
Weight
DIP20-P-300-2.54A
: 1.30 g (typ.)
SOP20-P-300-1.27A
: 0.22 g (typ.)


Similar Part No. - TC74HCT573AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HCT573AP TOSHIBA-TC74HCT573AP Datasheet
232Kb / 6P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
More results

Similar Description - TC74HCT573AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC573F TOSHIBA-TC74VHC573F Datasheet
259Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC7MET573AFK TOSHIBA-TC7MET573AFK Datasheet
223Kb / 5P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT573A ONSEMI-MC74VHCT573A Datasheet
171Kb / 7P
   Octal D-Type Latch with 3-State Output
REV 0
logo
Toshiba Semiconductor
TC7MET573AFK TOSHIBA-TC7MET573AFK_07 Datasheet
187Kb / 7P
   Octal D-Type Latch with 3-State Output
TC74VHC573F TOSHIBA-TC74VHC573F_07 Datasheet
232Kb / 10P
   Octal D-Type Latch with 3-State Output
logo
ON Semiconductor
MC74VHC573 ONSEMI-MC74VHC573_11 Datasheet
149Kb / 9P
   Octal D-Type Latch with 3-State Output
May, 2011 ??Rev. 6
logo
Toshiba Semiconductor
TC74VHC373F TOSHIBA-TC74VHC373F Datasheet
260Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74VHCT573AF TOSHIBA-TC74VHCT573AF Datasheet
258Kb / 6P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74LVX373F TOSHIBA-TC74LVX373F_07 Datasheet
211Kb / 9P
   Octal D-Type Latch with 3-State Output
TC74VHCT373AF TOSHIBA-TC74VHCT373AF_07 Datasheet
228Kb / 9P
   Octal D-Type Latch with 3-State Output
TC7MET373AFK TOSHIBA-TC7MET373AFK Datasheet
188Kb / 7P
   Octal D-Type Latch with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com