Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALH80 Datasheet(PDF) 5 Page - Astec America, Inc

Part # ALH80
Description  Industry StandardBrick: 36V-75V Input / 80A Output Current
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALH80 Datasheet(HTML) 5 Page - Astec America, Inc

  ALH80 Datasheet HTML 1Page - Astec America, Inc ALH80 Datasheet HTML 2Page - Astec America, Inc ALH80 Datasheet HTML 3Page - Astec America, Inc ALH80 Datasheet HTML 4Page - Astec America, Inc ALH80 Datasheet HTML 5Page - Astec America, Inc ALH80 Datasheet HTML 6Page - Astec America, Inc ALH80 Datasheet HTML 7Page - Astec America, Inc ALH80 Datasheet HTML 8Page - Astec America, Inc ALH80 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Technical Reference Notes
AEH/ALH80 Series
MODEL: AEH/ALH80 SERIES
SHEET 5 OF 17
OCTOBER 9, 2003 - REVISION B
Electrical Specifications (continued)
OUTPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typ
Max
Unit
Turn-On Response Time
IO = IO,MAX, VO within 1%
All
-
-
4
10
ms
Switching Frequency
All
-
360
400
440
KHz
Dynamic Response:
∆I
O/∆t=0.1A / uS
CO = 0uF
Load Change from IO = 50% to 75% of
IO, Max:
Peak Deviation Settling Time to VO, SET
tolerance
Load Change from IO = 50% to 25% of
IO, Max:
Peak Deviation Settling Time to VO, SET
tolerance
All
All
-
-
-
-
-
-
-
-
-
-
0.1
-
-
-
-
-
200
500
200
500
A/
µs
mV
µs
mV
µs
Output Overshoot
at T-on / T-off
Passive Resistive Full Load
All
-
-
0
4
%Vo
Output Enable ON/OFF
Negative Enable ("N" suffix)
Enable Pin voltage for Module ON
Module OFF
N suffix
-
-
-0.7
2.95
-
-
1.2
10.0
V
V
Positive Enable (No suffix)
Enable Pin voltage for Module ON
Module OFF
No suffix
-
-
2.95
-0.7
-
-
10.0
1.2
V
Output Voltage Remote Sensing
8,10
All
-
-
-
10
%VO
Output Voltage Trim Range
9,10
All
90
110
%VO
Note:
3. See Figure 2 for Ripple and Noise test measurement setup. Output ripple may exceed max limits at high
line condition.
4. Appropriate Thermal Derating applies. See Figures 17 to 22 for the Thermal Derating Curves
5. In an event of an over current condition - the converter will be latched off. Restart is possible either by
cycling the input voltage or toggling the Enable signal for 100ms. Consult factory for Auto restart
option.
6. The OVP mode is latching. The converter will be latched off once the sensed voltage across the output
pins exceeds the threshold limits. Restart is possible by either cycling the input voltage or toggling the
Enable signal for 100ms. For testing purposes, output current should be derated so as not to exceed
maximum output power.
7. Output of the module will be terminated once the operating temp reaches the OTP range. Normal
operation resumes once the temperature falls below the OTP range.
8. The sense pins can be used to compensate for any voltage drops (per indicated max limits) that may occur
along the connection between the output pins to the load. Pin 9 (+Sense) and Pin 7 (-Sense) should be
connected to Pin 10/11 (+Vout) and Pin 5/6 (Return) respectively at the point where regulation is desired.
9. Refer to Equation (1) and (2) and Figures 3 and 4 for the Output Trim Adjust configuration.
10. The combination of remote sense and Trim adjust cannot exceed 110% of VO, NOM.


Similar Part No. - ALH80

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALH80 ASTEC-ALH80 Datasheet
1Mb / 2P
   80Amps
logo
Emerson Network Power
ALH80 EMERSON-NETWORKPOWER-ALH80 Datasheet
1Mb / 2P
   Ultra High Efficiency
logo
Astec America, Inc
ALH80K48 ASTEC-ALH80K48 Datasheet
1Mb / 2P
   80Amps
logo
Emerson Network Power
ALH80K48 EMERSON-NETWORKPOWER-ALH80K48 Datasheet
1Mb / 2P
   Ultra High Efficiency
logo
Astec America, Inc
ALH80M48 ASTEC-ALH80M48 Datasheet
1Mb / 2P
   80Amps
More results

Similar Description - ALH80

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ40 ASTEC-ALQ40_03 Datasheet
215Kb / 16P
   Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
AEQ75Y48 ASTEC-AEQ75Y48 Datasheet
630Kb / 12P
   Industry Standard 쩌 Brick: 36V-75V Input / 1.8V @ 75A Output Current
ALQ15XX48X ASTEC-ALQ15XX48X Datasheet
1Mb / 19P
   Industry Standard 쩌 Brick: 36V-75V Input / 60W Output Power
AEQ15AF48 ASTEC-AEQ15AF48 Datasheet
1,017Kb / 15P
   Industry Standard 쩌 Brick w/ Baseplate: 36V-75V Input; 60W Output Power
AEH60F48 ASTEC-AEH60F48 Datasheet
389Kb / 21P
   Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
logo
Power-One
HAS030ZH-AT POWER-ONE-HAS030ZH-AT Datasheet
124Kb / 3P
   Industry Standard Half-Brick
logo
Ericsson
PKJ4111EP ERICSSON-PKJ4111EP Datasheet
1Mb / 30P
   Industry standard Half-brick
logo
Power-One
HBS150ZG-ANT POWER-ONE-HBS150ZG-ANT Datasheet
121Kb / 3P
   Industry Standard Half- Brick
logo
National Semiconductor ...
LM5046 NSC-LM5046 Datasheet
605Kb / 4P
   Based Eighth Brick Reference Board Input operating range: 36V to 75V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com