Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALH80Y48 Datasheet(PDF) 4 Page - Astec America, Inc

Part # ALH80Y48
Description  Industry StandardBrick: 36V-75V Input / 80A Output Current
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALH80Y48 Datasheet(HTML) 4 Page - Astec America, Inc

  ALH80Y48 Datasheet HTML 1Page - Astec America, Inc ALH80Y48 Datasheet HTML 2Page - Astec America, Inc ALH80Y48 Datasheet HTML 3Page - Astec America, Inc ALH80Y48 Datasheet HTML 4Page - Astec America, Inc ALH80Y48 Datasheet HTML 5Page - Astec America, Inc ALH80Y48 Datasheet HTML 6Page - Astec America, Inc ALH80Y48 Datasheet HTML 7Page - Astec America, Inc ALH80Y48 Datasheet HTML 8Page - Astec America, Inc ALH80Y48 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Technical Reference Notes
AEH/ALH80 Series
MODEL: AEH/ALH80 SERIES
SHEET 4 OF 17
OCTOBER 9, 2003 - REVISION B
Electrical Specifications (continued)
INPUT SPECIFICATION
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
All
VIN
36
48
75
VDC
Input Under-Voltage Lock-out
T_ON Threshold
T_OFF Threshold
All
34.0
32.5
34.8
33.5
35.5
34.5
Vdc
Maximum Input Current
1
Conditions: VIN =VIN,min
IO = IO,max; TA = 25 ºC
Y (1.8V)
M (1.5V)
K (1.2V)
IIN,max
-
-
-
-
-
-
5.2
4.4
3.6
A
Max PDISS @ IO = 0A (VIN = VIN,NOM)
All
-
-
5
W
Input Reflected Ripple Current
2
Conditions: PO = PO,max; TA = 25 ºC
BW: 5Hz to 20MHz
All
II1/ II2
-
-
15
mAPK-PK
Note:
1. An input line fuse is recommended for use (e.g. Littlefuse type 3AB 314, 8A/250V or equivalent).
2. External input capacitance required. See Input Ripple Current test measurement setup on Fig 1.
OUTPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set point
VIN = VIN, min to VIN, max;
IO =IO,Max
1V8 (Y)
1V5 (M)
1V2 (K)
VO,SET
1.770
1.475
1.180
1.800
1.500
1.200
1.830
1.525
1.220
Vdc
Vdc
Vdc
Output Regulation
Line: VIN = VIN, Min to VIN, Max
Load: IO = IO, Min to IO, Max
Temperature: Ta = -40 ºC to
+85ºC
All
1V8 (Y)
All
1V2 (K)
All
-
-
-
-
-
0.3
0.1
0.1
0.3
-
0.6
0.4
0.4
0.7
1.0
%Vo
Ripple and Noise
3
Peak-to-Peak: (5Hz to 20MHz)
All
-
-
50
100
mVp-p
Output Current
4
All
IO
0
-
80
A
External Load Capacitance
Capacitor ESR
All
-
-
4
-
-
50,000
-
µF
m
Output Current-limit Inception
VOUT = 90% VO,SET
5
All
IO
83
-
100
A
Over Voltage Protection Range
6
1V8 (Y)
1V5 (M)
1V2 (K)
2.20
1.80
1.44
2.40
1.90
1.50
2.90
2.50
2.10
V
Over Temperature Range
7
(AVG PCB TEMPERATURE)
All
110
-
120
°C
Efficiency
VIN = VIN-NOM; IO = IO,MAX
TA=25°C
1V8 (Y)
1V5 (M)
1V2 (K)
η
η
η
86.0
84.5
82.0
87.0
85.5
83.0
-
-
-
%
%
%


Similar Part No. - ALH80Y48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALH80Y48 ASTEC-ALH80Y48 Datasheet
1Mb / 2P
   80Amps
logo
Emerson Network Power
ALH80Y48 EMERSON-NETWORKPOWER-ALH80Y48 Datasheet
1Mb / 2P
   Ultra High Efficiency
More results

Similar Description - ALH80Y48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ40 ASTEC-ALQ40_03 Datasheet
215Kb / 16P
   Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
AEQ75Y48 ASTEC-AEQ75Y48 Datasheet
630Kb / 12P
   Industry Standard 쩌 Brick: 36V-75V Input / 1.8V @ 75A Output Current
ALQ15XX48X ASTEC-ALQ15XX48X Datasheet
1Mb / 19P
   Industry Standard 쩌 Brick: 36V-75V Input / 60W Output Power
AEQ15AF48 ASTEC-AEQ15AF48 Datasheet
1,017Kb / 15P
   Industry Standard 쩌 Brick w/ Baseplate: 36V-75V Input; 60W Output Power
AEH60F48 ASTEC-AEH60F48 Datasheet
389Kb / 21P
   Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
logo
Power-One
HAS030ZH-AT POWER-ONE-HAS030ZH-AT Datasheet
124Kb / 3P
   Industry Standard Half-Brick
logo
Ericsson
PKJ4111EP ERICSSON-PKJ4111EP Datasheet
1Mb / 30P
   Industry standard Half-brick
logo
Power-One
HBS150ZG-ANT POWER-ONE-HBS150ZG-ANT Datasheet
121Kb / 3P
   Industry Standard Half- Brick
logo
National Semiconductor ...
LM5046 NSC-LM5046 Datasheet
605Kb / 4P
   Based Eighth Brick Reference Board Input operating range: 36V to 75V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com