Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24120 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ24120
Description  SINGLE-CHIP SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH ENHANCED EMI PERFORMANCE(bqSWITCHER??
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24120 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ24120_07 Datasheet HTML 3Page - Texas Instruments BQ24120_07 Datasheet HTML 4Page - Texas Instruments BQ24120_07 Datasheet HTML 5Page - Texas Instruments BQ24120_07 Datasheet HTML 6Page - Texas Instruments BQ24120_07 Datasheet HTML 7Page - Texas Instruments BQ24120_07 Datasheet HTML 8Page - Texas Instruments BQ24120_07 Datasheet HTML 9Page - Texas Instruments BQ24120_07 Datasheet HTML 10Page - Texas Instruments BQ24120_07 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
www.ti.com
TYPICAL APPLICATION CIRCUITS
3IN
4IN
6VCC
2STAT1
19STAT2
5PG
7
TTC
16CE
10VSS
13NC
OUT 1
OUT 20
PGND17
PGND18
SNS15
BAT 14
ISET18
ISET29
TS12
VTSB11
V
IN
10mF
10mH
L
O
C
IN
C
OUT
R
SNS
0.1W
1.5KW
1.5KW
1.5KW
Charge
Done
Adapter
Present
7.5KW
7.5KW
0.1 F
m
9.31KW
442KW
VTSB
RT1
RT2
R
R
ISET1
ISET2
103AT
Battery
Pack
Pack-
Pack+
0.1 F
m
0.1 F
m
0.1 F
m
10 F
m
C
TTC
BQ24120
0.1 F
m
0.1 F
m
MMBZ18VALT1
3IN
4IN
6VCC
2STAT1
19STAT2
5PG
7
TTC
16CE
10VSS
13CELLS
OUT 1
OUT 20
PGND17
PGND18
SNS15
BAT 14
ISET18
ISET29
TS12
VTSB11
V
IN
10mF
10
H
m
L
O
C
IN
C
C
R
R
OUT
TTC
T2
T1
R
SNS
0.1W
1.5KW
1.5KW
1.5KW
10 F
m
0.1 F
m
0.1 F
m
0.1 F
m
0.1 F
m
Charge
Done
Adapter
Present
7.5KW
7.5KW
9.31KW
442KW
VTSB
RISET1
RISET2
103AT
Battery
Pack
Pack-
Pack+
10KW
V
IN
BQ24123
MMBZ18VALT1
bq24120
bq24123
bq24125
SLUS688E – MARCH 2006 – REVISED DECEMBER 2007
ICHARGE = 1.3A, IPRECHARGE = 133mA, Charge Safety Timer = 5.0 hours, Battery Charging Qualification Temperature Range =
0
°C to 45°C
Figure 1. Stand-Alone 1-Cell Application
Figure 2. Stand-Alone 2-Cells Application
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): bq24120 bq24123 bq24125


Similar Part No. - BQ24120_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24120RHLR TI-BQ24120RHLR Datasheet
2Mb / 32P
[Old version datasheet]   SINGLE-CHIP SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH ENHANCED EMI PERFORMANCE
BQ24120RHLR TI1-BQ24120RHLR Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24120RHLRG4 TI-BQ24120RHLRG4 Datasheet
2Mb / 32P
[Old version datasheet]   SINGLE-CHIP SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH ENHANCED EMI PERFORMANCE
BQ24120RHLRG4 TI1-BQ24120RHLRG4 Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24120RHLT TI-BQ24120RHLT Datasheet
2Mb / 32P
[Old version datasheet]   SINGLE-CHIP SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH ENHANCED EMI PERFORMANCE
More results

Similar Description - BQ24120_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24120 TI-BQ24120 Datasheet
2Mb / 32P
[Old version datasheet]   SINGLE-CHIP SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH ENHANCED EMI PERFORMANCE
BQ24100 TI-BQ24100_10 Datasheet
1Mb / 40P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24100 TI-BQ24100_07 Datasheet
1,017Kb / 36P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24105-Q1 TI-BQ24105-Q1 Datasheet
859Kb / 35P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24100 TI-BQ24100_08 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24100 TI-BQ24100_05 Datasheet
611Kb / 29P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
BQ24120 TI1-BQ24120 Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com