Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24123RHLR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24123RHLR
Description  SINGLE-CHIP SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH ENHANCED EMI PERFORMANCE(bqSWITCHER??
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24123RHLR Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ24123RHLR Datasheet HTML 5Page - Texas Instruments BQ24123RHLR Datasheet HTML 6Page - Texas Instruments BQ24123RHLR Datasheet HTML 7Page - Texas Instruments BQ24123RHLR Datasheet HTML 8Page - Texas Instruments BQ24123RHLR Datasheet HTML 9Page - Texas Instruments BQ24123RHLR Datasheet HTML 10Page - Texas Instruments BQ24123RHLR Datasheet HTML 11Page - Texas Instruments BQ24123RHLR Datasheet HTML 12Page - Texas Instruments BQ24123RHLR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
www.ti.com
TYPICAL OPERATING PERFORMANCE
-10
0
10
20
30
40
50
60
Level [dBµV]
30M
50M
70M
100M
200M
300M
500M
700M
1G
Frequency [Hz]
MES bq2412x_16v_1.0A
V
=16V
IN
I
=1 A
CHARGE
BQ2412XTypicalRadiatedEMIPerformanceonEVM
50
60
70
80
90
100
0
1
2
ChargeCurrentIbat- A
V =16V
I
V =9V
I
V
=8.4V
bat
V
=4.2V
bat
50
60
70
80
90
100
0
1
2
ChargeCurrentIbat- A
V =16V
I
V =5V
I
bq24120
bq24123
bq24125
SLUS688E – MARCH 2006 – REVISED DECEMBER 2007
See Figure 1 for a 1-cell application test circuit schematic and Figure 2 for the stand-alone cells application test
circuits schematic.
Figure 4. Typical Radiated EMI Performance Measured on EVM
Figure 5. Efficiency 1-Cell
Figure 6. Efficiency 2-Cells
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): bq24120 bq24123 bq24125


Similar Part No. - BQ24123RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24123RHLR TI-BQ24123RHLR Datasheet
2Mb / 32P
[Old version datasheet]   SINGLE-CHIP SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH ENHANCED EMI PERFORMANCE
BQ24123RHLR TI1-BQ24123RHLR Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24123RHLRG4 TI-BQ24123RHLRG4 Datasheet
2Mb / 32P
[Old version datasheet]   SINGLE-CHIP SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH ENHANCED EMI PERFORMANCE
BQ24123RHLRG4 TI1-BQ24123RHLRG4 Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
More results

Similar Description - BQ24123RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24120 TI-BQ24120 Datasheet
2Mb / 32P
[Old version datasheet]   SINGLE-CHIP SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH ENHANCED EMI PERFORMANCE
BQ24100 TI-BQ24100_10 Datasheet
1Mb / 40P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24100 TI-BQ24100_07 Datasheet
1,017Kb / 36P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24105-Q1 TI-BQ24105-Q1 Datasheet
859Kb / 35P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24100 TI-BQ24100_08 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24100 TI-BQ24100_05 Datasheet
611Kb / 29P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
BQ24120 TI1-BQ24120 Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com