Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74HC4094AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC4094AP
Description  CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift and Store Register (3-state)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC4094AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC4094AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HC4094AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC4094AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC4094AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC4094AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC4094AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC4094AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC4094AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC4094AP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74HC4094AP/AF/AFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4094AP,TC74HC4094AF,TC74HC4094AFN
8-Bit Shift and Store Register (3-state)
The TC74HC4094A is a high speed CMOS 8-BIT SHIFT AND
STROBE REGISTER fabricated with silicon gate C2MOS
technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
It consists of an 8-bit shift register and an 8-bit latch with
3-state output buffers. Data is shifted serially though the shift
register on the positive going transition of the CK input. The
output of the last stage (Qs) can be used to cascade several
devices. Data on the Qs output is transferred to a second output
(Q’s) on the following negative transition of the CK input. The
data in each stage of the shift register is provided to a
corresponding latch, on the negative going transition of the
STROBE input. When STROBE is held high, data propagates
through the latch to a 3-state output buffer. This buffer is
enabled when OUTPUT ENABLE input is set high.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: fmax = 73 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 6 V
• Pin and function compatible with 4094B
Pin Assignment
Note:
xxxFN (JEDEC SOP) is not available in
Japan.
TC74HC4094AP
TC74HC4094AF
TC74HC4094AFN
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)


Similar Part No. - TC74HC4094AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4094AP TOSHIBA-TC74HC4094AP Datasheet
303Kb / 8P
   8-BIT SHIFT AND STORE REGISTER (3-STAFE)
More results

Similar Description - TC74HC4094AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC595AP TOSHIBA-TC74HC595AP_07 Datasheet
439Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register/Latch (3-state)
TC74HC597AP TOSHIBA-TC74HC597AP_07 Datasheet
442Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Latch/Shift Register
TC74AC299P TOSHIBA-TC74AC299P_07 Datasheet
425Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronousclear
logo
ON Semiconductor
MC74HCT4094A ONSEMI-MC74HCT4094A Datasheet
142Kb / 11P
   8-Bit Shift and Store Register
March, 2011 ??Rev. 0
MC74HC4094A ONSEMI-MC74HC4094A Datasheet
109Kb / 12P
   8-Bit Shift and Store Register
February, 2015 ??Rev. 2
logo
Toshiba Semiconductor
TC74HC4094AP TOSHIBA-TC74HC4094AP Datasheet
303Kb / 8P
   8-BIT SHIFT AND STORE REGISTER (3-STAFE)
TC74AC166P TOSHIBA-TC74AC166P_07 Datasheet
503Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register (P-IN, S-OUT)
TC74ACT164F TOSHIBA-TC74ACT164F_07 Datasheet
233Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register (S-IN, P-OUT)
TC74ACT299P TOSHIBA-TC74ACT299P Datasheet
445Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronous Clear
TC74AC164P TOSHIBA-TC74AC164P_07 Datasheet
295Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register (S-IN, P-OUT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com