Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK45C-048L-025F20HAN-6 Datasheet(PDF) 11 Page - Astec America, Inc

Part # AK45C-048L-025F20HAN-6
Description  36 Vdc to 75 Vdc Inputs, 100 W
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AK45C-048L-025F20HAN-6 Datasheet(HTML) 11 Page - Astec America, Inc

Back Button AK45C-048L-025F20HAN-6 Datasheet HTML 7Page - Astec America, Inc AK45C-048L-025F20HAN-6 Datasheet HTML 8Page - Astec America, Inc AK45C-048L-025F20HAN-6 Datasheet HTML 9Page - Astec America, Inc AK45C-048L-025F20HAN-6 Datasheet HTML 10Page - Astec America, Inc AK45C-048L-025F20HAN-6 Datasheet HTML 11Page - Astec America, Inc AK45C-048L-025F20HAN-6 Datasheet HTML 12Page - Astec America, Inc AK45C-048L-025F20HAN-6 Datasheet HTML 13Page - Astec America, Inc AK45C-048L-025F20HAN-6 Datasheet HTML 14Page - Astec America, Inc AK45C-048L-025F20HAN-6 Datasheet HTML 15Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Technical Reference Notes (TRN)
AK45C 100W Series
36 Vdc to 75 Vdc Inputs, 100 W
_____________________________________________________________
ASTEC POWER - Andover
11 of 17
Feature Descriptions
Output Overvoltage Clamp
The output overvoltage clamp consists of a separate control loop, independent of the primary
control loop. This control loop has a higher voltage setpoint than the primary loop. In a fault
condition the converter goes into “Hiccup Mode”, and the output overvoltage clamp ensures that
the output voltage does not exceed Vo,clamp,max. This secondary control loop provides a
redundant voltage-control that reduces the risk of output overvoltage.
Output Current Protection
To provide protection in an output overload or short circuit condition, the converter is equipped
with current limiting circuitry and can endure the fault condition for an unlimited duration. At the
point of current-limit inception, the converter goes into “Hiccup Mode”, causing the output current
to be limited both in peak and duration. The converter operates normally once the output current
is brought back into its specified range.
Enable (Optional)
Two enable option are available. Positive Logic Enable, no suffix, and Negative Logic Enable,
suffix “N”. Positive Logic Enable turns the converter on during a logic-high voltage on the enable
pin, and off during a logic-low. Negative Logic Enable turns the converter of during a logic-high
and on during a logic-low.
Output Voltage Adjustment
Output voltage adjustment is accomplished by connecting an external resistor between the Vadj
Pin and either the +Vout or –Vout Pins.
With an external resistor between the Vadj Pin and -Sense Pin (Radj-down) the output voltage set
point (Vo,adj) decreases (see Figure 12). The following equation determines the required external
resistor value to obtain an adjusted output voltage:
Radj_down
.
510
,
%Vo adj
10.2 kohm
Where Radj-down is the resistance value and %Vo,adj is the percent change in the output voltage.
With an external resistor between the Vadj Pin and +Sense Pin (Radj-up) the output voltage set
point (Vo,adj) increases (see Figure 13). The following equation determines the required external
resistor value to obtain an adjusted output voltage:
Radj_up
.
.
5.1Vo (
)
,
100
%Vo adj
,
.
1.225%Vo adj
510
,
%Vo adj
10.2 kohm
Where Radj-up is the resistance value and %Vo,adj is the percent change in the output voltage.


Similar Part No. - AK45C-048L-025F20HAN-6

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AK45C-048L-025F20HAN-68 ASTEC-AK45C-048L-025F20HAN-68 Datasheet
91Kb / 2P
   100 Watts
More results

Similar Description - AK45C-048L-025F20HAN-6

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
General Semiconductor
JW030D-M GE-JW030D-M Datasheet
765Kb / 20P
   JW030-Series Power Modules 36 Vdc to 75 Vdc Inputs 30 W
logo
Tyco Electronics
LW025 MACOM-LW025 Datasheet
477Kb / 16P
   LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
logo
General Semiconductor
LC015D GE-LC015D Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015A91 LINEAGEPOWER-LC015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LW015A91 LINEAGEPOWER-LW015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com