Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP283-4 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLP283-4
Description  PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP283-4 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TLP283-4 Datasheet HTML 1Page - Toshiba Semiconductor TLP283-4 Datasheet HTML 2Page - Toshiba Semiconductor TLP283-4 Datasheet HTML 3Page - Toshiba Semiconductor TLP283-4 Datasheet HTML 4Page - Toshiba Semiconductor TLP283-4 Datasheet HTML 5Page - Toshiba Semiconductor TLP283-4 Datasheet HTML 6Page - Toshiba Semiconductor TLP283-4 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TLP283,TLP283-4
2007-10-01
6
V C E ( s at)-Ta
I C -Ta
-40 -20
0
2040
6080 100
0
0.1
0.2
0.3
0.4
0.5
-40 -20
0
204060
80 100
0.01
0.1
1
10
100
Ambient Temperature Ta(
°C)
Ambient Temperature Ta(
°C)
t ON /t OF F -R L
t ON /t OF F -Ta
110
100
1
10
100
1000
-40 -20
0
2040
6080 100
1
10
100
1000
Load Resistance RL(kΩ)
Ambient Temperature Ta(
°C)
*: The above graphs show typical characteristics.
IC=0.2mA
IC=0.5mA
IF=1.0mA
IF=0.2mA
IF=0.5mA
IF= 1.0mA
IF= 2.0mA
tON
tOFF
tON
tOFF
VCE = 5V
IF = 1mA
VCC = 5V
IF = 1mA
VCC = 5V
RL = 10kΩ


Similar Part No. - TLP283-4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP283-4 TOSHIBA-TLP283-4 Datasheet
106Kb / 4P
   PROGRAMMABLE CONTROLLERS AC adapters for PDAs/ on-board power supplies I/O interface boards
More results

Similar Description - TLP283-4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP421 TOSHIBA-TLP421 Datasheet
188Kb / 9P
   Photocoupler GaAs Ired & Photo - Transistor
TLP281 TOSHIBA-TLP281_07 Datasheet
271Kb / 8P
   PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP180 TOSHIBA-TLP180_07 Datasheet
166Kb / 8P
   Photocoupler GaAs Ired & Photo−Transistor
4N29 TOSHIBA-4N29 Datasheet
301Kb / 6P
   TOSHBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP291-4 TOSHIBA-TLP291-4 Datasheet
407Kb / 14P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP421F TOSHIBA-TLP421F Datasheet
111Kb / 3P
   TOSHIBA Photocoupler GaAs IRed & Photo-Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com