Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALQ15FY48 Datasheet(PDF) 10 Page - Astec America, Inc

Part # ALQ15FY48
Description  Industry StandardBrick: 36V-75V Input / 60W Output Power
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ15FY48 Datasheet(HTML) 10 Page - Astec America, Inc

Back Button ALQ15FY48 Datasheet HTML 6Page - Astec America, Inc ALQ15FY48 Datasheet HTML 7Page - Astec America, Inc ALQ15FY48 Datasheet HTML 8Page - Astec America, Inc ALQ15FY48 Datasheet HTML 9Page - Astec America, Inc ALQ15FY48 Datasheet HTML 10Page - Astec America, Inc ALQ15FY48 Datasheet HTML 11Page - Astec America, Inc ALQ15FY48 Datasheet HTML 12Page - Astec America, Inc ALQ15FY48 Datasheet HTML 13Page - Astec America, Inc ALQ15FY48 Datasheet HTML 14Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Technical Reference Notes
ALQ15XX48X Series
(Open Frame Dual Output Quarter Brick)
MODEL: ALQ15 SERIES
SHEET 10 OF 19
MARCH 4, 2004 - REVISION 01
Basic Operation and Features (continued)
TABLE 1-C
TABLE 1-D
ALQ15GM48 (2.5V / 1.5V)
ALQ15FG48N-6D*
? [%}
RTRIM-UP [kO]
? [%}
RTRIM-DOWN [kO]
? [%}
RTRIM-UP [kO]
? [%}
RTRIM-DOWN [kO]
+1
70.46
-1
70.31
+1
46.84
-1
66.47
+2
29.65
-2
32.75
+2
20.82
-2
27.32
+3
17.00
-3
19.42
+3
12.14
-3
15.55
+4
10.83
-4
12.58
+4
7.81
-4
9.87
+5
7.18
-5
8.43
+5
5.20
-5
6.53
+6
4.77
-6
5.64
+6
3.47
-6
4.34
+7
3.06
-7
3.63
+7
2.23
-7
2.78
+8
1.78
-8
2.12
+8
1.30
-8
1.62
+9
0.79
-9
0.94
+9
0.58
-9
0.72
+10
0.00
-10
0.00
+10
0.00
-10
0.00
* DI/DT’s QD48T025033 Trim Equivalent
ALQ15 standard trim utilizes approximately similar range of trim resistors for both RTRIM-UP and RTRIM-DOWN to adjust
the outputs. This facilitates ease of resistor selection and contributes to a decreased number of parts for customer inventory if
the TRIM pin is being utilized.
OUTPUT ENABLE
The ALQ15 comes with an Enable pin (PIN 2), which is primarily used to turn ON/OFF the converter. Both a Positive (no part
number suffix required) and a Negative (suffix “N” required) Enable Logic options are being offered. Please refer to Table 2
for the Part Numbering Scheme.
For Positive Enable, the converter is turned on when the Enable pin is at logic HIGH or left open. The unit turns off when the
Enable pin is at logic LOW or directly connected to -VIN. On the other hand, the Negative Enable version turns on when the
Enable pin is at logic LOW or directly connected to -VIN. The unit turns off when the Enable pin is at Logic HIGH.
OUTPUT OVER VOLTAGE PROTECTION (OVP)
The Over Voltage Protection circuit will shut down the entire converter if any of the two output voltages exceeds the OVP
threshold limits. The converter will automatically recover once the fault is removed.
OVER CURRENT PROTECTION (OCP)
The Over Current Protection circuit will shutdown the converter if any of the load current of either output reaches the OCP
threshold limits. The unit will automatically recover once the over current condition is removed. See Figure 12 for typical
output characteristic under an over current condition.
OVER TEMPERATURE PROTECTION (OTP)
The Over Temperature Protection circuit will shutdown the converter once the sensed location reaches the OTP range. This
feature prevents the unit from overheating and consequently going into thermal runaway, which may further damage the
converter and the end system. Such overheating may be an effect of operation outside the given power thermal derating
conditions. Restart is possible once the temperature of the sensed location drops to less than 110
°C.


Similar Part No. - ALQ15FY48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ15FY48 ASTEC-ALQ15FY48 Datasheet
408Kb / 2P
   60 Watts
ALQ15FY48 ASTEC-ALQ15FY48 Datasheet
408Kb / 2P
   60 Watts Dual Output Converter
logo
Emerson Network Power
ALQ15FY48 EMERSON-NETWORKPOWER-ALQ15FY48 Datasheet
408Kb / 2P
   High Efficiency
logo
Astec America, Inc
ALQ15FY48 ASTEC-ALQ15FY48 Datasheet
408Kb / 2P
   Regulation to zero load
ALQ15FY48-6 ASTEC-ALQ15FY48-6 Datasheet
408Kb / 2P
   60 Watts Dual Output Converter
More results

Similar Description - ALQ15FY48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEQ15AF48 ASTEC-AEQ15AF48 Datasheet
1,017Kb / 15P
   Industry Standard 쩌 Brick w/ Baseplate: 36V-75V Input; 60W Output Power
ALQ40 ASTEC-ALQ40_03 Datasheet
215Kb / 16P
   Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
AEQ75Y48 ASTEC-AEQ75Y48 Datasheet
630Kb / 12P
   Industry Standard 쩌 Brick: 36V-75V Input / 1.8V @ 75A Output Current
AEH80 ASTEC-AEH80 Datasheet
2Mb / 17P
   Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
AEH60F48 ASTEC-AEH60F48 Datasheet
389Kb / 21P
   Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
ALQ25B50 ASTEC-ALQ25B50_03 Datasheet
839Kb / 11P
   Industry Standard 쩌 Brick: 300W DC Transformer
logo
Power-One
HAS030ZH-AT POWER-ONE-HAS030ZH-AT Datasheet
124Kb / 3P
   Industry Standard Half-Brick
logo
Ericsson
PKJ4111EP ERICSSON-PKJ4111EP Datasheet
1Mb / 30P
   Industry standard Half-brick
logo
Power-One
HBS150ZG-ANT POWER-ONE-HBS150ZG-ANT Datasheet
121Kb / 3P
   Industry Standard Half- Brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com