Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC08G03 Datasheet(PDF) 5 Page - Astec America, Inc

Part # APC08G03
Description  Non-Isolated DC/DC Power Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC08G03 Datasheet(HTML) 5 Page - Astec America, Inc

  APC08G03 Datasheet HTML 1Page - Astec America, Inc APC08G03 Datasheet HTML 2Page - Astec America, Inc APC08G03 Datasheet HTML 3Page - Astec America, Inc APC08G03 Datasheet HTML 4Page - Astec America, Inc APC08G03 Datasheet HTML 5Page - Astec America, Inc APC08G03 Datasheet HTML 6Page - Astec America, Inc APC08G03 Datasheet HTML 7Page - Astec America, Inc APC08G03 Datasheet HTML 8Page - Astec America, Inc APC08G03 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Technical Reference Note (APC08)
MODEL: APC08 SERIES
SHEET 5 OF 23
OCTOBER 4, 2004 - REVISION 03
Electrical Specifications (continued)
OUTPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typ
Max
Unit
Efficiency
APC08J08
71
76
-
VIN = 6V to 12V
APC08K08
75
81
-
IO = 8A Resistive Load
APC08M08
77
84
-
(5A for 5Vo; 4A for 6Vo)
APC08Y08
81
86
-
APC08G08
85
90
-
APC08F08
87
92
-
APC05A08
90
94
-
APC04S08
91
95
-
Dynamic Response:
Slew Rate
All
Suffix “W”
∆I
O/∆t
-
-
0.1
1.0
-
-
A/
µs
Load Change: 50%-75% IO,max
All
-
-
5
10
%VO
Peak Deviation Settling time
All
-
-
500
-
µs
to VO,nom
Load Change: 50% to 25% IO,max
All
-
-
5
10
%VO
Peak Deviation Settling time
All
-
-
500
-
µs
to VO,nom
Output Voltage Overshoot
Passive Resistive Full Load
All
-
-
5
-
%VO
FEATURE SPECIFICATION
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Adjustment Range
6
-9 opt
VO
-
3.6
V
Module Parallel Capability
10
-9MA
40
-
60
%IO
Power Good
7
Open Collector max sink current
All
-
-
5
mA
max pull-up voltage
-
-
6
V
Condition PGLOW
90%VO,SET-MIN > VO > 110%VO,SET-MAX
All
PGLOW
0
-
250
m
90%VO,SET-MIN ≤ VO ≤ 100%VO,SET-MAX
All
PGHIGH
100
-
-
K
Output Enable
8
Module ON: Logic High
All
> 4.1
-
14
Vdc
Module OFF: Logic Low
All
0
-
0.8
Vdc
Enable source current at Logic Low
All
-
-
60
µA


Similar Part No. - APC08G03

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC08G03 ASTEC-APC08G03 Datasheet
389Kb / 2P
   30 Watts
More results

Similar Description - APC08G03

ManufacturerPart #DatasheetDescription
logo
ABB
MLX040A0XY3-SRZ ABB-MLX040A0XY3-SRZ Datasheet
6Mb / 37P
   MLX040A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.3 Date 3/8/2023
MLX120A0XY3-SRZ ABB-MLX120A0XY3-SRZ Datasheet
7Mb / 37P
   MLX120A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.4 Date 3/ 23/ 2023
SLX040A0XY3-SRZ ABB-SLX040A0XY3-SRZ Datasheet
5Mb / 38P
   SLX040A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.1 Date 2/ 23/ 2023
MLX080A0XY3-SRZ ABB-MLX080A0XY3-SRZ Datasheet
7Mb / 37P
   MLX080A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.4 Date 3/8/2023
MLX160A0XY3-SRZ ABB-MLX160A0XY3-SRZ Datasheet
6Mb / 37P
   MLX160A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.5 Date 3/8/2023
SLX160A0XY3-SRZ ABB-SLX160A0XY3-SRZ Datasheet
6Mb / 39P
   SLX160A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.1 Date 2/ 23 / 2023
logo
Artesyn Technologies
SMT15E-12W3V3J ARTESYN-SMT15E-12W3V3J_15 Datasheet
524Kb / 3P
   POWER Non-Isolated DC-DC Converter
SMT15C-05SADJJ ARTESYN-SMT15C-05SADJJ_15 Datasheet
549Kb / 3P
   POWER Non-Isolated DC-DC Converter
logo
Lineage Power Corporati...
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
logo
Analog Technologies, In...
ATMV24V200V40MA1 ANALOGTECHNOLOGIES-ATMV24V200V40MA1 Datasheet
737Kb / 7P
   8W Isolated DC-DC Power Module
6/28/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com