Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC08M08-9 Datasheet(PDF) 1 Page - Astec America, Inc

Part # APC08M08-9
Description  Non-Isolated DC/DC Power Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC08M08-9 Datasheet(HTML) 1 Page - Astec America, Inc

  APC08M08-9 Datasheet HTML 1Page - Astec America, Inc APC08M08-9 Datasheet HTML 2Page - Astec America, Inc APC08M08-9 Datasheet HTML 3Page - Astec America, Inc APC08M08-9 Datasheet HTML 4Page - Astec America, Inc APC08M08-9 Datasheet HTML 5Page - Astec America, Inc APC08M08-9 Datasheet HTML 6Page - Astec America, Inc APC08M08-9 Datasheet HTML 7Page - Astec America, Inc APC08M08-9 Datasheet HTML 8Page - Astec America, Inc APC08M08-9 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Technical Reference Note (APC08)
MODEL: APC08 SERIES
SHEET 1 OF 23
OCTOBER 4, 2004 - REVISION 03
Centauri (APC08) Non-Isolated DC/DC Power Module
The Centauri (APC08) DC-DC Power Module is a high efficiency non-isolated buck converter designed for use in a wide
variety of applications. It works from a wide input voltage range of 1.8V to 6V or 5V to 13V and offers an extensive array of
output voltages starting from 0.9V to 3.6V (up to 6V in some flavors). Through careful layout and component selection it
achieves the highest efficiency/load in the smallest footprint available in the market today. It is ideal for Point of Load
applications and provides the most flexibility for the ever-changing DSP and ASIC power requirements.
Industry Standard
0.53 X 1.3 X 0.29H SMT Package
Environmental Specifications
Operating temperature: -40°C to +85°C
Storage temperature: -40°C to +125°C
MTBF: >3.3 million hours
Electrical Parameters
Input
Input range
1.8-6.0VDC and 5.0-13.0VDC
Efficiency
3.3V @ 93% Typ
Control
Enable TTL compatible (Positive Logic)
Output
Regulation
(Line, Load, Temp)
<3%
Ripple and noise
75mV - (
≥2.5V Output)
50mV - (<2.5V Output)
Output voltage
adjust range
0.9V to 3.6V (J Version)
Transient Response
5% max deviation with
50% to 75% full load
500 µS (max) recovery
Special Features
Point of load (POL) applications
High efficiency, 3.3V@93% Typ
-40°C to +85°C Ambient Operating
Temperature
Open Frame SMT
Positive enable function
Low output ripple and noise
Regulation to zero load
Programmable Output from 0.9V to 3.6V
(External Trim Resistor)
Fixed frequency switching (400 KHz)
Power Good Signal (Optional)
Active Current share (Optional)
Safety
Designed to meet:
UL, cUL
60950 Recognized
TUV
EN60950 Licensed


Similar Part No. - APC08M08-9

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC08M08 ASTEC-APC08M08 Datasheet
389Kb / 2P
   30 Watts
More results

Similar Description - APC08M08-9

ManufacturerPart #DatasheetDescription
logo
ABB
MLX040A0XY3-SRZ ABB-MLX040A0XY3-SRZ Datasheet
6Mb / 37P
   MLX040A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.3 Date 3/8/2023
MLX120A0XY3-SRZ ABB-MLX120A0XY3-SRZ Datasheet
7Mb / 37P
   MLX120A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.4 Date 3/ 23/ 2023
SLX040A0XY3-SRZ ABB-SLX040A0XY3-SRZ Datasheet
5Mb / 38P
   SLX040A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.1 Date 2/ 23/ 2023
MLX080A0XY3-SRZ ABB-MLX080A0XY3-SRZ Datasheet
7Mb / 37P
   MLX080A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.4 Date 3/8/2023
MLX160A0XY3-SRZ ABB-MLX160A0XY3-SRZ Datasheet
6Mb / 37P
   MLX160A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.5 Date 3/8/2023
SLX160A0XY3-SRZ ABB-SLX160A0XY3-SRZ Datasheet
6Mb / 39P
   SLX160A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.1 Date 2/ 23 / 2023
logo
Artesyn Technologies
SMT15E-12W3V3J ARTESYN-SMT15E-12W3V3J_15 Datasheet
524Kb / 3P
   POWER Non-Isolated DC-DC Converter
SMT15C-05SADJJ ARTESYN-SMT15C-05SADJJ_15 Datasheet
549Kb / 3P
   POWER Non-Isolated DC-DC Converter
logo
Lineage Power Corporati...
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
logo
Analog Technologies, In...
ATMV24V200V40MA1 ANALOGTECHNOLOGIES-ATMV24V200V40MA1 Datasheet
737Kb / 7P
   8W Isolated DC-DC Power Module
6/28/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com