Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15012 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX15012
Description  175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15012 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX15012 Datasheet HTML 1Page - Maxim Integrated Products MAX15012 Datasheet HTML 2Page - Maxim Integrated Products MAX15012 Datasheet HTML 3Page - Maxim Integrated Products MAX15012 Datasheet HTML 4Page - Maxim Integrated Products MAX15012 Datasheet HTML 5Page - Maxim Integrated Products MAX15012 Datasheet HTML 6Page - Maxim Integrated Products MAX15012 Datasheet HTML 7Page - Maxim Integrated Products MAX15012 Datasheet HTML 8Page - Maxim Integrated Products MAX15012 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
175V/2A, High-Speed,
Half-Bridge MOSFET Drivers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = VBST = +8V to +12.6V, VHS = GND = 0V, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at VDD =
VBST = +12V and TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND, unless otherwise noted.)
VDD, IN_H, IN_L......................................................-0.3V to +14V
DL ...............................................................-0.3V to (VDD + 0.3V)
HS............................................................................-5V to +180V
DH to HS.....................................................-0.3V to (VDD + 0.3V)
BST to HS ...............................................................-0.3V to +14V
dV/dt at HS ........................................................................50V/ns
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.9mW/°C above +70°C)...............470.6mW
8-Pin SO-EP (derate 19.2mW/°C above +70°C) .....1538.5mW
Junction-to-Case Thermal Resistance (θJC)(Note 1)
8-Pin SO .......................................................................40°C/W
8-Pin SO-EP....................................................................6°C/W
Junction-to-Ambient Thermal Resistance (θJA)(Note 1)
8-Pin SO .....................................................................170°C/W
8-Pin SO-EP..................................................................52°C/W
Maximum Junction Temperature .....................................+150°C
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
Operating Supply Voltage
VDD
(Notes 3 and 4)
8.0
12.6
V
VDD Quiescent Supply Current
(No Switching)
IDD
IN_H = IN_L = GND (for A/C versions),
IN_H = GND, IN_L = VDD (for B/D versions)
70
140
µA
VDD Operating Supply Current
IDDO
fSW = 500kHz, VDD = +12V
3
mA
BST Quiescent Supply Current
IBST
IN_H = IN_L = GND (for A/C versions),
IN_H = GND, IN_L = VDD (for B/D versions)
15
40
µA
BST Operating Supply Current
IBSTO
fSW = 500kHz, VDD = VBST = +12V
3
mA
UVLO (VDD to GND)
UVLOVDD
VDD rising
6.5
7.3
8.0
V
UVLO (BST to HS)
UVLOBST
BST rising
6.0
6.9
7.8
V
UVLO Hysteresis
0.5
V
LOGIC INPUT
MAX15012_, CMOS (VDD/2) version
0.67 x
VDD
0.55 x
VDD
Input-Logic High
VIH_
MAX15013_, TTL version
2
1.65
V
MAX15012_, CMOS (VDD/2) version
0.4 x
VDD
0.33 x
VDD
Input-Logic Low
VIL_
MAX15013_, TTL version
1.4
0.8
V
MAX15012_, CMOS (VDD/2) version
1.6
Logic-Input Hysteresis
VHYS
MAX15013_, TTL version
0.25
V
*Per JEDEC 51 Standard Multilayer board.
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JE5D51-7, using a four-
layer board. For detailed information on package thermal considerations, see www.maxim-ic.com/thermal-tutorial.


Similar Part No. - MAX15012

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15012 MAXIM-MAX15012 Datasheet
271Kb / 14P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 0; 5/06
MAX15012AASA++ MAXIM-MAX15012AASA+ Datasheet
271Kb / 14P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 0; 5/06
MAX15012BASA++ MAXIM-MAX15012BASA+ Datasheet
271Kb / 14P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 0; 5/06
More results

Similar Description - MAX15012

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15012 MAXIM-MAX15012 Datasheet
271Kb / 14P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 0; 5/06
MAX5062 MAXIM-MAX5062 Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
MAX5062 MAXIM-MAX5062_07 Datasheet
351Kb / 20P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 5; 5/07
MAX15018 MAXIM-MAX15018 Datasheet
305Kb / 14P
   125V/3A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 9/08
logo
TelCom Semiconductor, I...
TC1412 TELCOM-TC1412 Datasheet
66Kb / 5P
   2A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1412NEOA713 MICROCHIP-TC1412NEOA713 Datasheet
282Kb / 16P
   2A High-Speed MOSFET Drivers
03/25/03
TC1412 MICROCHIP-TC1412_03 Datasheet
343Kb / 16P
   2A High-Speed MOSFET Drivers
2003
TC1412 MICROCHIP-TC1412_13 Datasheet
261Kb / 18P
   2A High-Speed MOSFET Drivers
2001-2012 11/27/12
TC1412 MICROCHIP-TC1412_15 Datasheet
819Kb / 24P
   2A High-Speed MOSFET Drivers
01/27/15
TC1412 MICROCHIP-TC1412 Datasheet
434Kb / 14P
   2A High-Speed MOSFET Drivers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com