Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUD03Y48 Datasheet(PDF) 3 Page - Astec America, Inc

Part # AUD03Y48
Description  Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AUD03Y48 Datasheet(HTML) 3 Page - Astec America, Inc

  AUD03Y48 Datasheet HTML 1Page - Astec America, Inc AUD03Y48 Datasheet HTML 2Page - Astec America, Inc AUD03Y48 Datasheet HTML 3Page - Astec America, Inc AUD03Y48 Datasheet HTML 4Page - Astec America, Inc AUD03Y48 Datasheet HTML 5Page - Astec America, Inc AUD03Y48 Datasheet HTML 6Page - Astec America, Inc AUD03Y48 Datasheet HTML 7Page - Astec America, Inc AUD03Y48 Datasheet HTML 8Page - Astec America, Inc AUD03Y48 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MODEL : AUD 10W SERIES
April 05 REVISION 02
SHEET 3 OF 15
Technical Reference Note
Ultra Low Profile
AUD 10W Series
Electrical Specifications
STANDARD TEST CONDITION on a single unit, unless otherwise specified.
TA:
25
°C (Ambient Air)
+Vin (P16-17):
36 – 60Vdc
60 – 75Vdc (forced air 0.5m/s)
-Vin (P18-19):
Return for +Vin
RC (P13):
Open
+Vo (P2-4):
Connect to load
-Vo (P5-6):
Return for +Vo
PO (P14):
Open
ALM(P12):
Open
ABSOLUTE MAXIMUM RATINGS
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional
operation of the device is not implied at these or in any other conditions in excess of those given in the operational
sections of the specs. Exposure to absolute maximum ratings for extended periods can adversely affect device
reliability.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Input Voltage
Continuous
VIN
36
-
60
Vdc
Continuous (0.5m/s LFM)
VIN
60
75
Vdc
Transient (200
µs,
42V/10/
µs rate)
VIN,trans
-
-
90
Vdc
Operating Temperature (0.2m/s air
flow)
-40
85
ºC
Storage Temperature
All
TSTG
-40
-
90
ºC
Operating Humidity
All
-
10
-
95
%
INPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VIN
36
48
60
Vdc
Input Voltage (0.5m/s LFM)
VIN
60
75
Vdc
Turn-on Voltage
32
36
Vdc
Turn-off Voltage
30
34
Vdc
Maximum Input Current
2
(VIN = 0 to VIN,max; IO = IO,max)
All
IIN,max
-
-
0.5
A
Note:
1. This power module is not internally fused. The use of an input line fuse (GMA-10A Bussman fuse or
equivalent) is recommended.
2. The value is static only and rated for UL/cUL safety. In-rush current to charge internal capacitors is not
specified.


Similar Part No. - AUD03Y48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AUD03Y48 ASTEC-AUD03Y48 Datasheet
87Kb / 2P
   10 Watts Embedded Power
logo
Emerson Network Power
AUD03Y48 EMERSON-NETWORKPOWER-AUD03Y48 Datasheet
87Kb / 2P
   Ultra Low Profile - 4.3mm
More results

Similar Description - AUD03Y48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AUK30W ASTEC-AUK30W Datasheet
319Kb / 15P
   Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
AUG20W ASTEC-AUG20W Datasheet
326Kb / 15P
   Ultra Low Profile DC- DC Module (Pb-free reflow compatible and ROHS Compliant)
AVC20W ASTEC-AVC20W Datasheet
357Kb / 16P
   Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
AUM10W ASTEC-AUM10W Datasheet
304Kb / 15P
   Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
AUG15W ASTEC-AUG15W Datasheet
312Kb / 15P
   Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
logo
Seoul Semiconductor
SFT825Z-S SEOUL-SFT825Z-S_09 Datasheet
746Kb / 18P
   Pb-free Reflow Soldering application RoHS Compliant
SFT825N-S SEOUL-SFT825N-S_09 Datasheet
736Kb / 18P
   Pb-free Reflow Soldering application RoHS Compliant
logo
COSMO Electronics Corp...
KT1000 COSMO-KT1000 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1010 COSMO-KT1010 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1600 COSMO-KT1600 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com