Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC12MK08-9MAJ Datasheet(PDF) 7 Page - Astec America, Inc

Part # APC12MK08-9MAJ
Description  Non-Isolated DC/DC Power Module Tiny SMT Footprint - 1.8V-12V Input, 0.9V to 3.6V Output
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC12MK08-9MAJ Datasheet(HTML) 7 Page - Astec America, Inc

Back Button APC12MK08-9MAJ Datasheet HTML 3Page - Astec America, Inc APC12MK08-9MAJ Datasheet HTML 4Page - Astec America, Inc APC12MK08-9MAJ Datasheet HTML 5Page - Astec America, Inc APC12MK08-9MAJ Datasheet HTML 6Page - Astec America, Inc APC12MK08-9MAJ Datasheet HTML 7Page - Astec America, Inc APC12MK08-9MAJ Datasheet HTML 8Page - Astec America, Inc APC12MK08-9MAJ Datasheet HTML 9Page - Astec America, Inc APC12MK08-9MAJ Datasheet HTML 10Page - Astec America, Inc APC12MK08-9MAJ Datasheet HTML 11Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Technical Reference Notes
APC12 Centauri II
MODEL: APC12 SERIES
SHEET 7 OF 23
JANUARY 6, 2002 REVISION A (PRELIMINARY)
Basic Operation and Features
The APC08/12 Centauri family was designed specifically to address applications where on board distributed power with Point-
of-Load Converters (Conversion needed as close to the IC, usually DSP’s and ASIC’s) is employed. With its wide range input
and flexible programmable output, any change in the load becomes very manageable with little to no impact on time to market.
All of the converters in this family are buck converters. The APC12x03 versions allow 1.8V to 6V input voltage and the
APC12x08 versions allow a 5.6V to 13V input with 14V max surge.
MODULE PIN ASSIGNMENT
There are 4 to 7 surface mount pins on a Centauri module. The availability of pins from individual modules is relevant
to its version / selected option.
PIN #
DESIGNATION
P1
VIN
Input Voltage
P2
VO
Output Voltage
P3
GND
Common Ground
P4
TRIM
Output Voltage Adjustment [OPTION]
P5
ENABLE
Output Voltage Enable
P6
PGood
Power Good [OPTION]
P7
P
Load Current Active Sharing [OPTION]
INDUSTRY STANDARD PINOUT
When ordered with no options, the module comes with only 4 pins – VIN, Gnd, VOUT and Enable – AND IS
COMPATIBLE WITH OTHER LEADING MANUFACTURER’s FOOTPRINT. When the full-featured module is
required: with Output Trim; Active Current Share and Power Good Signal PINs, “-9MA” suffix is added to the
standard part number. Please refer to the Part Number Ordering Scheme for other options (including packaging).
Note: When using the trim function, this module offers much more trim flexibility than the competitive footprint and also
requires a jumper between the two footprints to be source compatible. Contact Factory for details.
Figure 1. Pin Assignment Viewed from Top of Board.
Current
VIN
Share
Enable
Trim
GND VO
PGood


Similar Part No. - APC12MK08-9MAJ

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC12M03 ASTEC-APC12M03 Datasheet
183Kb / 2P
   40 Watts
APC12M08 ASTEC-APC12M08 Datasheet
183Kb / 2P
   40 Watts
More results

Similar Description - APC12MK08-9MAJ

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-02A BEL-S7AH-02A Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
SRAH-02A BEL-SRAH-02A Datasheet
336Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
X7PF-20A1A0 BEL-X7PF-20A1A0 Datasheet
203Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
SRAH-05A BEL-SRAH-05A Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
S7AH-05A BEL-S7AH-05A Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
V7PF-15A BEL-V7PF-15A Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
S7AH-07C BEL-S7AH-07C Datasheet
254Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 7A
VRPB-10C BEL-VRPB-10C Datasheet
229Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
X7AH-03C1A0 BEL-X7AH-03C1A0 Datasheet
155Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input 0.9V-2.5V/3A Output
SRAH-08B BEL-SRAH-08B Datasheet
346Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com