Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC12MK08-9MAJ Datasheet(PDF) 10 Page - Astec America, Inc

Part # APC12MK08-9MAJ
Description  Non-Isolated DC/DC Power Module Tiny SMT Footprint - 1.8V-12V Input, 0.9V to 3.6V Output
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC12MK08-9MAJ Datasheet(HTML) 10 Page - Astec America, Inc

Back Button APC12MK08-9MAJ Datasheet HTML 6Page - Astec America, Inc APC12MK08-9MAJ Datasheet HTML 7Page - Astec America, Inc APC12MK08-9MAJ Datasheet HTML 8Page - Astec America, Inc APC12MK08-9MAJ Datasheet HTML 9Page - Astec America, Inc APC12MK08-9MAJ Datasheet HTML 10Page - Astec America, Inc APC12MK08-9MAJ Datasheet HTML 11Page - Astec America, Inc APC12MK08-9MAJ Datasheet HTML 12Page - Astec America, Inc APC12MK08-9MAJ Datasheet HTML 13Page - Astec America, Inc APC12MK08-9MAJ Datasheet HTML 14Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Technical Reference Notes
APC12 Centauri II
MODEL: APC12 SERIES
SHEET 10 OF 23
JANUARY 6, 2002 REVISION A (PRELIMINARY)
Trim Function (continued)
To adjust Vo to a higher value, please refer to
Figure 4. The required resistor value (Rt) can be
determined through Equation (1) where Vo is the
voltage on P2 before the adjustment and Vot is the
voltage of P2 after Rt is connected.
1
R
Vo
Vot
Vref
Rt
=
Equation (1)
Please refer to related constants given in TABLE 1 to calculate the Equation.
TABLE 1. CONSTANTS
Version
0.9V
1.2V
1.5V
1.8V
2.5V
3.3V
R1
APC08/12x03
R2
97.6k
8.45k
4.32k
2.94k
1.69k
1.13k
3.09k
APC08/12x08
R2
210k
17.4k
9.09k
6.04k
3.48k
2.32k
6.49k
Vref
0.87V
Be aware that the maximum Vo allowed is 3.6V. Please refer to Centauri datasheet.
Example:
Module version: APC08J03-9 (1.8 to 6.0Vin, 0.9Vo).
Requiring to adjust output voltage from Vo = 0.9V to Vot = 1.8V. Vref = 0.87V and R1 = 3.09k
Ω (from TABLE 1).
Based on Equation (1), Rt can be determined as 3.0k
Ω.
To adjust Vo to a lower value, Rt should be connected between P4 and P2. Equation (2) provides the calculation for Rt.
2
)
(
)
)(
(
R
V
V
V
V
V
V
V
Rt
ot
o
ref
ref
ot
ref
o
=
Equation (2)
Be aware that the minimum Vo is 0.9V.
Example
Module version: APC08F03-9 (4.0 to 6.Vin, 3.3Vo).
Requiring to adjust the output voltage from Vo = 3.3V to Vot = 3.3 (1-0.02) = 3.234V.
Vo = 3.3V, Vot = 3.234V, Vref = 0.87V, R2 = 1.13k
Ω (from TABLE 1).
Based on Equation (1), Rt can be determined as 111.9k
Ω.
Figure 4. Output Voltage Trim Setup.


Similar Part No. - APC12MK08-9MAJ

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC12M03 ASTEC-APC12M03 Datasheet
183Kb / 2P
   40 Watts
APC12M08 ASTEC-APC12M08 Datasheet
183Kb / 2P
   40 Watts
More results

Similar Description - APC12MK08-9MAJ

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-02A BEL-S7AH-02A Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
SRAH-02A BEL-SRAH-02A Datasheet
336Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
X7PF-20A1A0 BEL-X7PF-20A1A0 Datasheet
203Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
SRAH-05A BEL-SRAH-05A Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
S7AH-05A BEL-S7AH-05A Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
V7PF-15A BEL-V7PF-15A Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
S7AH-07C BEL-S7AH-07C Datasheet
254Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 7A
VRPB-10C BEL-VRPB-10C Datasheet
229Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
X7AH-03C1A0 BEL-X7AH-03C1A0 Datasheet
155Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input 0.9V-2.5V/3A Output
SRAH-08B BEL-SRAH-08B Datasheet
346Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com