Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC08F08-J Datasheet(PDF) 10 Page - Astec America, Inc

Part # APC08F08-J
Description  Non-Isolated DC/DC Power Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC08F08-J Datasheet(HTML) 10 Page - Astec America, Inc

Back Button APC08F08-J Datasheet HTML 6Page - Astec America, Inc APC08F08-J Datasheet HTML 7Page - Astec America, Inc APC08F08-J Datasheet HTML 8Page - Astec America, Inc APC08F08-J Datasheet HTML 9Page - Astec America, Inc APC08F08-J Datasheet HTML 10Page - Astec America, Inc APC08F08-J Datasheet HTML 11Page - Astec America, Inc APC08F08-J Datasheet HTML 12Page - Astec America, Inc APC08F08-J Datasheet HTML 13Page - Astec America, Inc APC08F08-J Datasheet HTML 14Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Technical Reference Note (APC08)
MODEL: APC08 SERIES
SHEET 10 OF 23
OCTOBER 4, 2004 - REVISION 03
Method 1: External Trim Resistor (continued)
Example
Module version: APC08F03-9 (4.0 to 6.Vin, 3.3Vo).
Requiring to adjust the output voltage from Vo = 3.3V to Vot = 3.3 (1-0.02) = 3.234V.
Vo = 3.3V, Vot = 3.234V, Vref = 0.875V, R2 = 1.13kΩ (from TABLE 1).
Based on Equation (1), Rt can be determined as 111.9k
Ω.
Trim Function (continued)
Method 2: External DC Source
By connecting an external DC supply across P4 (Enable) and P3 (GND) through a limiting resistor Rt, (see Figure 5), output
voltage adjustment can also be achieved. Equation 3 provides the relationship between the External DC supply, Vt, and Vo
(where Vo is the desired output voltage).
Given: Rt = 10k
Vo Adjustment to Lower Voltages. This method does not limit the recommended lower Vo adjustment to 2% as mentioned
on previous sections re: Vo adjustment through external trim resistor.
Example:
Module version: APC08G03-9 (3V to 6Vin, 2.5Vo).
Requiring to adjust the output voltage from Vo = 2.5V to 1.8V
Vo = 1.8V, Vr = 0.87V, R1 = 3.09kΩ, R2 = 1.69kΩ (from Table 1). Based on Equation (3), Vt = 3.0V.
Example:
Module version: APC08G03-9 (3V to 6Vin, 2.5Vo).
Requiring to adjust the output voltage from Vo = 2.5V to 0.9V
Vo = 0.9V, Vr = 0.87V, R1 = 3.09kΩ, R2 = 1.69kΩ (from Table 1). Based on Equation (3), Vt = 5.9V.
Vo
R
Rt
Vr
R
Rt
R
Rt
Vt
1
2
1
1
+
+
=
Equation (3)
Figure 5. External DC source for output trim adjust.


Similar Part No. - APC08F08-J

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC08F08 ASTEC-APC08F08 Datasheet
389Kb / 2P
   30 Watts
More results

Similar Description - APC08F08-J

ManufacturerPart #DatasheetDescription
logo
ABB
MLX040A0XY3-SRZ ABB-MLX040A0XY3-SRZ Datasheet
6Mb / 37P
   MLX040A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.3 Date 3/8/2023
MLX120A0XY3-SRZ ABB-MLX120A0XY3-SRZ Datasheet
7Mb / 37P
   MLX120A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.4 Date 3/ 23/ 2023
SLX040A0XY3-SRZ ABB-SLX040A0XY3-SRZ Datasheet
5Mb / 38P
   SLX040A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.1 Date 2/ 23/ 2023
MLX080A0XY3-SRZ ABB-MLX080A0XY3-SRZ Datasheet
7Mb / 37P
   MLX080A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.4 Date 3/8/2023
MLX160A0XY3-SRZ ABB-MLX160A0XY3-SRZ Datasheet
6Mb / 37P
   MLX160A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.5 Date 3/8/2023
SLX160A0XY3-SRZ ABB-SLX160A0XY3-SRZ Datasheet
6Mb / 39P
   SLX160A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.1 Date 2/ 23 / 2023
logo
Artesyn Technologies
SMT15E-12W3V3J ARTESYN-SMT15E-12W3V3J_15 Datasheet
524Kb / 3P
   POWER Non-Isolated DC-DC Converter
SMT15C-05SADJJ ARTESYN-SMT15C-05SADJJ_15 Datasheet
549Kb / 3P
   POWER Non-Isolated DC-DC Converter
logo
Lineage Power Corporati...
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
logo
Analog Technologies, In...
ATMV24V200V40MA1 ANALOGTECHNOLOGIES-ATMV24V200V40MA1 Datasheet
737Kb / 7P
   8W Isolated DC-DC Power Module
6/28/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com