Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BK60C-048L-018F40H Datasheet(PDF) 11 Page - Astec America, Inc

Part # BK60C-048L-018F40H
Description  36 Vdc to 75 Vdc Inputs, 150 W
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

BK60C-048L-018F40H Datasheet(HTML) 11 Page - Astec America, Inc

Back Button BK60C-048L-018F40H Datasheet HTML 6Page - Astec America, Inc BK60C-048L-018F40H Datasheet HTML 7Page - Astec America, Inc BK60C-048L-018F40H Datasheet HTML 8Page - Astec America, Inc BK60C-048L-018F40H Datasheet HTML 9Page - Astec America, Inc BK60C-048L-018F40H Datasheet HTML 10Page - Astec America, Inc BK60C-048L-018F40H Datasheet HTML 11Page - Astec America, Inc BK60C-048L-018F40H Datasheet HTML 12Page - Astec America, Inc BK60C-048L-018F40H Datasheet HTML 13Page - Astec America, Inc BK60C-048L-018F40H Datasheet HTML 14Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Technical Reference Notes (TRN)
BK60C-H Series
36 Vdc to 75 Vdc Inputs, 150 W
_____________________________________________________________
ASTEC POWER - Andover
11 of 14
Thermal Considerations
The power converter operates in a variety of thermal environments: however, sufficient cooling
should be provided to help ensure reliable operation of the converter. Heat-dissipating
components are thermally coupled to the case. Heat is removed by conduction, convection and
radiation to the surrounding environment. Proper cooling can be verified by measuring the case
temperature.
Heat Transfer Characteristics
Increasing airflow over the converter enhances the heat transfer via convection. Figure 13 shows
the maximum power that can be dissipated by the converter without exceeding the maximum
case temperature versus local ambient temperature (TA) for natural convection through 2.0 m/s
(400 ft/min).
Systems in which these converters are used generate airflow rates of 0.25 m/s (50 ft/min) due to
other heat dissipating components in the system. Therefore, the natural convection condition
represents airflow rates of approximately 0.25 m/s (50 ft/min). Use of Figure 13 is shown in the
following example.
Example
What is the minimum airflow required for an 033F40H operating at 48 V, an output current of 25
A, and maximum ambient temperature of 55 ºC.
Solution:
Given: Vi = 48 V, Io = 25 A, TA = 55 ºC.
Determine PD (Figure 16): PD = 13 W.
Determine airflow (Figure 16): v = 1.0 m/s (200 ft/min)
Figure 13. Forced Convection Power Derating
BK60C SERIES
Power Derating Curve
0
5
10
15
20
25
30
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95 100 105 110
Ambient Temperature (ºC)
Nat. Conv.
0.5 m/s (100 ft/min)
1.0 m/s (200 ft/min)
2.0 m/s (400 ft/min)


Similar Part No. - BK60C-048L-018F40H

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
BK60C-048L-018F40H ASTEC-BK60C-048L-018F40H Datasheet
677Kb / 2P
   150 Watts
More results

Similar Description - BK60C-048L-018F40H

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
General Semiconductor
JW030D-M GE-JW030D-M Datasheet
765Kb / 20P
   JW030-Series Power Modules 36 Vdc to 75 Vdc Inputs 30 W
logo
Lineage Power Corporati...
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
logo
Tyco Electronics
LW025 MACOM-LW025 Datasheet
477Kb / 16P
   LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
logo
General Semiconductor
LC015D GE-LC015D Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015A91 LINEAGEPOWER-LC015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com