Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC08J08-J Datasheet(PDF) 7 Page - Astec America, Inc

Part # APC08J08-J
Description  Non-Isolated DC/DC Power Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC08J08-J Datasheet(HTML) 7 Page - Astec America, Inc

Back Button APC08J08-J Datasheet HTML 3Page - Astec America, Inc APC08J08-J Datasheet HTML 4Page - Astec America, Inc APC08J08-J Datasheet HTML 5Page - Astec America, Inc APC08J08-J Datasheet HTML 6Page - Astec America, Inc APC08J08-J Datasheet HTML 7Page - Astec America, Inc APC08J08-J Datasheet HTML 8Page - Astec America, Inc APC08J08-J Datasheet HTML 9Page - Astec America, Inc APC08J08-J Datasheet HTML 10Page - Astec America, Inc APC08J08-J Datasheet HTML 11Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Technical Reference Note (APC08)
MODEL: APC08 SERIES
SHEET 7 OF 23
OCTOBER 4, 2004 - REVISION 03
Basic Operation and Features
The APC08 family was designed specifically to address applications where on board distributed power with Point-of-Load
Converters (Conversion needed as close to the IC, usually DSP’s and ASIC’s) is employed. With its wide range input and
flexible programmable output, any change in the load becomes very manageable with little to no impact on time to market. All
of the converters in this family are buck converters.
The APC08x03 versions allow 1.8V to 6V input voltage and the
APC08x08 versions allow a 5V to 12V input with 14V max surge.
MODULE PIN ASSIGNMENT
There are 4 to 7 surface mount pins on a Centauri module. The availability of pins from individual modules is relevant
to its version / selected option.
PIN #
DESIGNATION
P1
VIN
Input Voltage
P2
VO
Output Voltage
P3
GND
Common Ground
P4
TRIM
Output Voltage Adjustment [OPTION]
P5
ENABLE
Output Voltage Enable
P6
PGood
Power Good [OPTION]
P7
P
Load Current Active Sharing [OPTION]
INDUSTRY STANDARD PINOUT
When ordered with no options, the module comes with only 4 pins – Vin, Gnd, Vout and Enable – and is compatible
with other leading manufacturer’s footprint. The PGood, Active Current Share, and Trim pins are options that can be
ordered with any model number. For the optional trim function add a (-9) to the end of the standard part number. For
the optional current share and PGood signal in addition to the trim function, add (-9MA) to the end of the part
number. Please refer to the Part Number Ordering Scheme section.
Note: When using the trim function, this module offers much more trim flexibility than the competitive footprint and also
requires a jumper between the two footprints to be source compatible. Contact Factory for applications note.
Figure 1. Pin Assignment Viewed from Top of Board.
Current
VIN
Share
Enable
Trim
GND VO
PGood


Similar Part No. - APC08J08-J

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC08J08 ASTEC-APC08J08 Datasheet
389Kb / 2P
   30 Watts
More results

Similar Description - APC08J08-J

ManufacturerPart #DatasheetDescription
logo
ABB
MLX040A0XY3-SRZ ABB-MLX040A0XY3-SRZ Datasheet
6Mb / 37P
   MLX040A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.3 Date 3/8/2023
MLX120A0XY3-SRZ ABB-MLX120A0XY3-SRZ Datasheet
7Mb / 37P
   MLX120A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.4 Date 3/ 23/ 2023
SLX040A0XY3-SRZ ABB-SLX040A0XY3-SRZ Datasheet
5Mb / 38P
   SLX040A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.1 Date 2/ 23/ 2023
MLX080A0XY3-SRZ ABB-MLX080A0XY3-SRZ Datasheet
7Mb / 37P
   MLX080A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.4 Date 3/8/2023
MLX160A0XY3-SRZ ABB-MLX160A0XY3-SRZ Datasheet
6Mb / 37P
   MLX160A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.5 Date 3/8/2023
SLX160A0XY3-SRZ ABB-SLX160A0XY3-SRZ Datasheet
6Mb / 39P
   SLX160A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.1 Date 2/ 23 / 2023
logo
Artesyn Technologies
SMT15E-12W3V3J ARTESYN-SMT15E-12W3V3J_15 Datasheet
524Kb / 3P
   POWER Non-Isolated DC-DC Converter
SMT15C-05SADJJ ARTESYN-SMT15C-05SADJJ_15 Datasheet
549Kb / 3P
   POWER Non-Isolated DC-DC Converter
logo
Lineage Power Corporati...
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
logo
Analog Technologies, In...
ATMV24V200V40MA1 ANALOGTECHNOLOGIES-ATMV24V200V40MA1 Datasheet
737Kb / 7P
   8W Isolated DC-DC Power Module
6/28/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com