Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA48LS018F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA48LS018F
Description  300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48LS018F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA48LS018F Datasheet HTML 1Page - Toshiba Semiconductor TA48LS018F Datasheet HTML 2Page - Toshiba Semiconductor TA48LS018F Datasheet HTML 3Page - Toshiba Semiconductor TA48LS018F Datasheet HTML 4Page - Toshiba Semiconductor TA48LS018F Datasheet HTML 5Page - Toshiba Semiconductor TA48LS018F Datasheet HTML 6Page - Toshiba Semiconductor TA48LS018F Datasheet HTML 7Page - Toshiba Semiconductor TA48LS018F Datasheet HTML 8Page - Toshiba Semiconductor TA48LS018F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TA48LS015, 018, 025, 033, 05F
2007-06-22
3
Absolute Maximum Rating (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Input voltage
VIN
14
V
EN Input voltage
VEN
14
V
Output current
IOUT
300
mA
Operating junction temperature
Tj(opr)
-40~150
°C
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55~150
°C
Power dissipation(Note 5) Ta
= 25°C
PD
1.2
W
Note 3: Do not apply current and voltage (including reverse polarity) to any pin that is not specified.
Note 4: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Thermal Characteristics
Characteristic
Symbol
Max
Unit
hermal resistance, junction to ambient
Rth (j−a)
102
/ W
Note 5: Glass epoxy board
Operating Input Voltage Range
Characteristic
Symbol
Min
Typ.
Max
Unit
VOUT <= 1.8V
2.5(Note6)
14.0
Input voltage
VOUT >= 2.5V
VIN
VOUT + VD
14.0
V
Note 6: This is the voltage at which the IC begins operating. VD must be considered when determining the best
input voltage for the application.
Protection Function (Reference)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Thermal shutdown
TSD
150
170
°C
Thermal shutdown hysteresis width
TSD(hys)
VIN = 2.5 V (015F) / 2.8 V (018F) /
3.5 V (025F) / 4.3 V (033F) /
6.0 V (05F)
15
°C
VIN = VOUT + 2 V, Tj = 25°C
300
500
Peak circuit current
IPEAK
VIN = VOUT + 5 V, Tj = 25°C
300
500
mA
VIN = VOUT + 2 V, Tj = 25°C
300
Short circuit current
ISC
VIN = 14V , Tj = 25°C
300
mA
Note 7: Ensure that the devices operate within the limits of the maximum rating when in actual use.
Material :FR-4
25.4
× 25.4 × 1.6
Unit : (mm)
Cu base thickness : 35
μm


Similar Part No. - TA48LS018F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48LS00F TOSHIBA-TA48LS00F Datasheet
309Kb / 9P
   300 mA Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
More results

Similar Description - TA48LS018F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48LS00F TOSHIBA-TA48LS00F Datasheet
309Kb / 9P
   300 mA Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA58MS05F TOSHIBA-TA58MS05F Datasheet
209Kb / 9P
   500 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375 ONSEMI-MC33375_13 Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
logo
Toshiba Semiconductor
TA48S015AF TOSHIBA-TA48S015AF Datasheet
251Kb / 11P
   1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48S018F TOSHIBA-TA48S018F Datasheet
226Kb / 11P
   1-A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48S00AF TOSHIBA-TA48S00AF Datasheet
227Kb / 10P
   1A Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA58LT00F TOSHIBA-TA58LT00F Datasheet
221Kb / 10P
   150 mA Output Current and Tracking Regulator with ON/OFF Control Switch
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com