Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA48S018F Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TA48S018F
Description  1-A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48S018F Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TA48S018F Datasheet HTML 3Page - Toshiba Semiconductor TA48S018F Datasheet HTML 4Page - Toshiba Semiconductor TA48S018F Datasheet HTML 5Page - Toshiba Semiconductor TA48S018F Datasheet HTML 6Page - Toshiba Semiconductor TA48S018F Datasheet HTML 7Page - Toshiba Semiconductor TA48S018F Datasheet HTML 8Page - Toshiba Semiconductor TA48S018F Datasheet HTML 9Page - Toshiba Semiconductor TA48S018F Datasheet HTML 10Page - Toshiba Semiconductor TA48S018F Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TA48S018,02,025,03,033,05F
2006-11-06
8
PDmax – Ta
VOUT – Tj
VOUT – VIN
IB – VIN
IB – Tj
Ambient temperature Ta (°C)
Junction temperature Tj (°C)
Input voltage VIN (V)
Input voltage VIN (V)
Junction temperature Tj (°C)
IB – IOUT
Output current IOUT (A)
3.1
3.5
150
−50
3.3
3.4
50
3.2
0
100
TA48S033F
VIN = 5 V
IOUT = 5 mA
0
12
2
160
0
100
60
8
6
10
20
80
140
Ta
= Tc
4
40
120
30
× 30 × 0.8 mmt
Single
50
× 50 × 0.8 mmt
Condition:
Number of IC = 1
Reflow soldering on
a ceramic substrate
0
4
8
0
2
3
4
1
2
6
TA48S033F
Tj = 25°C
0.5 A
0.1 A
IOUT = 10 mA
IOUT = 1 A
0
20
8
16
4
150
−50
50
0
100
TA48S033F
VIN = 5 V
12
IOUT = 0 A
0
20
8
16
4
1
0
0.4
0.2
0.8
12
TA48S033F
VIN = 5 V
Tj = 25°C
0.6
IOUT = 0.5 A
8
0
4
2
6
TA48S033F
Tj = 25°C
0
10
4
8
2
6
IOUT = 0.1 A
IOUT = 10 mA


Similar Part No. - TA48S018F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48S018AF TOSHIBA-TA48S018AF Datasheet
251Kb / 11P
   1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
More results

Similar Description - TA48S018F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48S015AF TOSHIBA-TA48S015AF Datasheet
251Kb / 11P
   1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48LS015F TOSHIBA-TA48LS015F Datasheet
308Kb / 11P
   300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA58MS05F TOSHIBA-TA58MS05F Datasheet
209Kb / 9P
   500 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48S00AF TOSHIBA-TA48S00AF Datasheet
227Kb / 10P
   1A Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48LS00F TOSHIBA-TA48LS00F Datasheet
309Kb / 9P
   300 mA Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com