Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD18F48-S Datasheet(PDF) 9 Page - Astec America, Inc

Part # ALD18F48-S
Description  Single Output 16th Brick: 60Watts
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALD18F48-S Datasheet(HTML) 9 Page - Astec America, Inc

Back Button ALD18F48-S Datasheet HTML 5Page - Astec America, Inc ALD18F48-S Datasheet HTML 6Page - Astec America, Inc ALD18F48-S Datasheet HTML 7Page - Astec America, Inc ALD18F48-S Datasheet HTML 8Page - Astec America, Inc ALD18F48-S Datasheet HTML 9Page - Astec America, Inc ALD18F48-S Datasheet HTML 10Page - Astec America, Inc ALD18F48-S Datasheet HTML 11Page - Astec America, Inc ALD18F48-S Datasheet HTML 12Page - Astec America, Inc ALD18F48-S Datasheet HTML 13Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Technical Reference Notes
ALD12/18/20/25 Series
(Single Output 16
th Brick)
MODEL: ALD12/18/20/25 SERIES
SHEET 9 OF 20
AUGUST 17, 2005 – REVISION C
Performance Curves
5V Version (continued)
3.3V Version
ALD12A48 Current vs. Temperature
0
2
4
6
8
10
12
25
40
55
70
85
Temperature (°C)
0 LFM
100LFM
200 LFM
300LFM
400 LFM
Figure 10. 5V Output current vs. ambient temperature
curves at VIN = 48Vdc.
Figure 11. 5V Transient Response 50% to 75% step at
VIN = 48Vdc, TA = 25°C, di/dt = 0.1A/µs, CO = 0.
Efficiency vs. Output Current, T
A=25°C
55%
60%
65%
70%
75%
80%
85%
90%
95%
03
69
12
15
18
Output Current (Amps)
Vin = 36Vdc
Vin = 48Vdc
Vin = 75Vdc
Figure 12. 3.3V Efficiency vs. output current at various
input line conditions, TA = 25°C.
Power Dissipation vs. Output Current, T
A=25°C
0
2
4
6
8
10
03
69
12
15
18
Output Current (Amps)
Vin = 36Vdc
Vin = 48Vdc
Vin = 75Vdc
Figure 13. 3.3V Power Dissipation vs. load current at
various input line conditions, TA = 25°C.


Similar Part No. - ALD18F48-S

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALD18F48-S EMERSON-NETWORKPOWER-ALD18F48-S Datasheet
328Kb / 2P
   High Efficiency
ALD18F48-SL EMERSON-NETWORKPOWER-ALD18F48-SL Datasheet
328Kb / 2P
   High Efficiency
More results

Similar Description - ALD18F48-S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPMGS-20 RECOM-RPMGS-20 Datasheet
965Kb / 7P
   20 Amp 16th Brick Open Frame Single Output
REV.: 0/2022
logo
Qualtek Electronics Cor...
QPD-60 QUALTEK-QPD-60 Datasheet
577Kb / 2P
   60Watts Single Output
QPD-60-5 QUALTEK-QPD-60-5 Datasheet
1Mb / 2P
   60Watts Single Output
QPS-60 QUALTEK-QPS-60 Datasheet
563Kb / 2P
   60Watts Single Output
logo
Bel Fuse Inc.
XRSB-80T03X BEL-XRSB-80T03X Datasheet
1Mb / 15P
   3.3 VDC / 25 A Output / 16th Brick Converter
logo
Emerson Network Power
ALD13B50 EMERSON-NETWORKPOWER-ALD13B50 Datasheet
578Kb / 3P
   1/16th Brick IBC Series
logo
Delta Electronics, Inc.
AMD-24V060WXYA DELTA-AMD-24V060WXYA Datasheet
881Kb / 5P
   60Watts Output Power
V36SE3R315NRFA DELTA-V36SE3R315NRFA Datasheet
448Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Delphi Series V36SE, 1/16th Brick DC/DC
V36SE DELTA-V36SE Datasheet
721Kb / 13P
   Industry standard 1/16th brick size & pinout
V36SE05010 DELTA-V36SE05010 Datasheet
721Kb / 13P
   Industry standard 1/16th brick size & pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com