Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA48M05F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TA48M05F
Description  Three-Terminal Low Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48M05F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TA48M05F Datasheet HTML 1Page - Toshiba Semiconductor TA48M05F Datasheet HTML 2Page - Toshiba Semiconductor TA48M05F Datasheet HTML 3Page - Toshiba Semiconductor TA48M05F Datasheet HTML 4Page - Toshiba Semiconductor TA48M05F Datasheet HTML 5Page - Toshiba Semiconductor TA48M05F Datasheet HTML 6Page - Toshiba Semiconductor TA48M05F Datasheet HTML 7Page - Toshiba Semiconductor TA48M05F Datasheet HTML 8Page - Toshiba Semiconductor TA48M05F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TA48M025,03,033,0345,04,05F
2007-03-16
5
TA48M04F
Electrical Characteristics
(unless otherwise specified, VIN = 6 V, IOUT = 250 mA, Tj = 25°C, CIN = 0.1 μF, COUT = 10 μF)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
3.84
4.0
4.16
Output voltage
VOUT
5 V
≤ VIN ≤ 16 V,
5 mA
≤ IOUT ≤ 500 mA,
0°C
≤ Tj ≤ 125°C
3.8
4.0
4.2
V
Line regulation
Reg·line
5 V
≤ VIN ≤ 16 V
11
28
mV
Load regulation
Reg·load
5 mA
≤ IOUT ≤ 500 mA
45
115
mV
5 V
≤ VIN ≤ 16 V,
IOUT = 0 mA
0.9
1.4
Quiescent current
IB
5 V
≤ VIN ≤ 16 V,
IOUT = 250 mA
13
25
mA
Output noise voltage
VNO
10 Hz
≤ f ≤ 100 kHz,
IOUT = 50 mA
110
μVrms
Ripple rejection
R.R.
f
= 120 Hz, 5 V ≤ VIN ≤ 16 V,
IOUT = 50 mA
58
68
dB
IOUT = 250 mA
0.17
0.35
Dropout voltage
VD
IOUT = 500 mA
0.35
0.65
V
Peak circuit current
IPEAK
0.60
1.25
1.50
A
Short circuit current
ISC
0.60
1.25
1.50
A
TA48M05F
Electrical Characteristics
(unless otherwise specified, VIN = 7 V, IOUT = 250 mA, Tj = 25°C, CIN = 0.1 μF, COUT = 10 μF)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
4.8
5.0
5.2
Output voltage
VOUT
6 V
≤ VIN ≤ 18 V,
5 mA
≤ IOUT ≤ 500 mA,
0°C
≤ Tj ≤ 125°C
4.75
5.0
5.25
V
Line regulation
Reg·line
6 V
≤ VIN ≤ 18 V
15
35
mV
Load regulation
Reg·load
5 mA
≤ IOUT ≤ 500 mA
50
135
mV
6 V
≤ VIN ≤ 18 V,
IOUT = 0 mA
1.0
1.4
Quiescent current
IB
6 V
≤ VIN ≤ 18 V,
IOUT = 250 mA
13
25
mA
Output noise voltage
VNO
10 Hz
≤ f ≤ 100 kHz,
IOUT = 50 mA
125
μVrms
Ripple rejection
R.R.
f
= 120 Hz, 6 V ≤ VIN ≤ 18 V,
IOUT = 50 mA
58
68
dB
IOUT = 250 mA
0.17
0.35
Dropout voltage
VD
IOUT = 500 mA
0.35
0.65
V
Peak circuit current
IPEAK
0.60
1.30
1.55
A
Short circuit current
ISC
0.60
1.30
1.55
A


Similar Part No. - TA48M05F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48M05F TOSHIBA-TA48M05F Datasheet
409Kb / 11P
   2.5V, 3V, 3.3V, 3.45V, 4V, 5V THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TA48M05F

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
   THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
   Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC2900 NEC-UPC2900 Datasheet
93Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com