Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA58L12S Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TA58L12S
Description  250 mA Low Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA58L12S Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TA58L12S Datasheet HTML 1Page - Toshiba Semiconductor TA58L12S Datasheet HTML 2Page - Toshiba Semiconductor TA58L12S Datasheet HTML 3Page - Toshiba Semiconductor TA58L12S Datasheet HTML 4Page - Toshiba Semiconductor TA58L12S Datasheet HTML 5Page - Toshiba Semiconductor TA58L12S Datasheet HTML 6Page - Toshiba Semiconductor TA58L12S Datasheet HTML 7Page - Toshiba Semiconductor TA58L12S Datasheet HTML 8Page - Toshiba Semiconductor TA58L12S Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TA58L05, 06, 08, 09, 10, 12, 15S
2006-11-02
2
Pin Description
Pin No.
Symbol
Description
1
IN
Input terminal. Connected by capacitor (CIN) to GND.
3
GND
Ground terminal
2
OUT
Output terminal. Connected by capacitor (COUT) to GND.
How to Order
Product No.
Package
Package Type and Capacity
TA58L**S(Q) (Note2)
TO-220NIS
Loose in bag: 50 (1 bag)
Note 2: The “
**” in each product number is replaced with the output voltage of each product.
Block Diagram
Over current
protection
Over voltage/
thermal shutdown
1
2
3
IN
OUT
GND


Similar Part No. - TA58L12S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA58L12F TOSHIBA-TA58L12F Datasheet
221Kb / 12P
   250 mA Low Dropout Voltage Regulator
More results

Similar Description - TA58L12S

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M2950 UTC-M2950 Datasheet
148Kb / 7P
   250 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA58L05F TOSHIBA-TA58L05F Datasheet
221Kb / 12P
   250 mA Low Dropout Voltage Regulator
logo
Texas Instruments
TPS732 TI1-TPS732 Datasheet
1Mb / 39P
[Old version datasheet]   250-mA Low-Dropout Regulator
logo
Vishay Siliconix
SIP21110 VISHAY-SIP21110 Datasheet
452Kb / 12P
   250-mA Adjustable, Low Dropout Regulator
Rev. C, 08-Jun-09
logo
Texas Instruments
TPS766 TI1-TPS766 Datasheet
2Mb / 44P
[Old version datasheet]   TPS766 250-mA, 16-V Low-Dropout Voltage Regulator
REVISED DECEMBER 2023
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
NCV4299AD233R2G ONSEMI-NCV4299AD233R2G Datasheet
196Kb / 20P
   150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
logo
E-Tech Electronics LTD
LP2950-2951 ETL-LP2950-2951 Datasheet
294Kb / 7P
   100 mA LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com