Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA79L08F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA79L08F
Description  Three-Terminal Negative Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA79L08F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA79L08F Datasheet HTML 1Page - Toshiba Semiconductor TA79L08F Datasheet HTML 2Page - Toshiba Semiconductor TA79L08F Datasheet HTML 3Page - Toshiba Semiconductor TA79L08F Datasheet HTML 4Page - Toshiba Semiconductor TA79L08F Datasheet HTML 5Page - Toshiba Semiconductor TA79L08F Datasheet HTML 6Page - Toshiba Semiconductor TA79L08F Datasheet HTML 7Page - Toshiba Semiconductor TA79L08F Datasheet HTML 8Page - Toshiba Semiconductor TA79L08F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TA79L05,06,08,09,10,12,15,18,20,24F
2006-11-02
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA79L05F, TA79L06F, TA79L08F, TA79L09F, TA79L10F,
TA79L12F, TA79L15F, TA79L18F, TA79L20F, TA79L24F
Three-Terminal Negative Voltage Regulators
−5 V, −6 V, −8 V, −9 V, −10 V, −12 V, −15 V, −18 V, −20 V, −24 V
Features
Best suited to a power supply for TTL and C2MOS.
Built-in over-current protective circuit.
Built-in thermal protective circuit.
Maximum output current of 150 mA (Tj = 25°C).
Packaged in Power Mini. (SOT-89).
Pin Assignment
GND
1
2
OUT
IN
(CASE)
Marking side
3
Marking
Part No.
(or abbreviation code)
Part No.
AJ
TA79L05F
BJ
TA79L06F
CJ
TA79L08F
DJ
TA79L09F
EJ
TA79L10F
FJ
TA79L12F
GJ
TA79L15F
HJ
TA79L18F
IJ
TA79L20F
*1
JJ
TA79L24F
Weight: 0.05 g (Typ.)
A
J
Part No. (or abbreviation code) *1
Lot No.
(weekly code)
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.


Similar Part No. - TA79L08F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA79L08F TOSHIBA-TA79L08F Datasheet
509Kb / 15P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results

Similar Description - TA79L08F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7905CT MCC-MC7905CT Datasheet
166Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7905CT MCC-MC7905CT_11 Datasheet
264Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7915CT MCC-MC7915CT Datasheet
449Kb / 5P
   Three-Terminal Negative Voltage Regulators
logo
Toshiba Semiconductor
TA79L005P TOSHIBA-TA79L005P_06 Datasheet
446Kb / 16P
   Three-Terminal Negative Voltage Regulators
logo
KEC(Korea Electronics)
KIA79L05BP KEC-KIA79L05BP Datasheet
263Kb / 13P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
NEC
UPC79L00 NEC-UPC79L00 Datasheet
286Kb / 10P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS????
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
March 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com