Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA78M12F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA78M12F
Description  Output Current of 0.5 A, Three-Terminal Positive Voltage Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA78M12F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA78M12F Datasheet HTML 1Page - Toshiba Semiconductor TA78M12F Datasheet HTML 2Page - Toshiba Semiconductor TA78M12F Datasheet HTML 3Page - Toshiba Semiconductor TA78M12F Datasheet HTML 4Page - Toshiba Semiconductor TA78M12F Datasheet HTML 5Page - Toshiba Semiconductor TA78M12F Datasheet HTML 6Page - Toshiba Semiconductor TA78M12F Datasheet HTML 7Page - Toshiba Semiconductor TA78M12F Datasheet HTML 8Page - Toshiba Semiconductor TA78M12F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TA78M05,06,08,09,10,12,15,18,20,24F
2007-02-19
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA78M05F, TA78M06F, TA78M08F, TA78M09F, TA78M10F,
TA78M12F, TA78M15F, TA78M18F, TA78M20F, TA78M24F
Output Current of 0.5 A, Three-Terminal Positive Voltage Regulators
5 V, 6 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V, 24 V
The TA78M××F series of fixed-voltage monolithic integrated
circuit voltage regulators is designed for a wide range of
applications. These regulators employ internal current-limiting,
thermal-shutdown and safe-area compensation, making them
essentially indestructible. One of these regulators can drive up to
0.5 A of output current.
Features
Suitable for CMOS, TTL and the power supply of the other
digital ICs
Maximum output current of 0.5 A.
Internal thermal overload protection.
Internal short circuit current limiting.
Packaged in POWER MOLD.
Pin Assignment
IN
1
3
OUT
GND
(CASE)
Marking side
2
Marking
Weight
HSIP3-P-2.30B: 0.36 g (typ.)
HSOP3-P-2.30A: 0.36 g (typ.)
TA78M**F
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)


Similar Part No. - TA78M12F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78M12F TOSHIBA-TA78M12F Datasheet
669Kb / 20P
   0.5A THREE TERMINAL POSITIVE VOLTAGE REGULATORS
More results

Similar Description - TA78M12F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78M05SB TOSHIBA-TA78M05SB_07 Datasheet
769Kb / 20P
   Output Current of 0.5 A, Three-Terminal Positive Voltage Regulators
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
KODENSHI_AUK CORP.
KK317 KODENSHI-KK317 Datasheet
195Kb / 4P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM317LA3 CYSTEKEC-LM317LA3 Datasheet
353Kb / 12P
   Three Terminal Adjustable Output Positive Voltage Regulators
PL317E3 CYSTEKEC-PL317E3 Datasheet
193Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
List of Unclassifed Man...
EP1017 ETC2-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM78M05J3 CYSTEKEC-LM78M05J3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78MXXJ3 CYSTEKEC-LM78MXXJ3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
logo
Toshiba Semiconductor
TA79005SB TOSHIBA-TA79005SB_07 Datasheet
601Kb / 13P
   Output Current of 1A, Three-Terminal Negative Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com