Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1267AF Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TA1267AF
Description  MULTISTANDARD PIF / SIF SYNCHRONOUS DEMODULATOR IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1267AF Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TA1267AF Datasheet HTML 2Page - Toshiba Semiconductor TA1267AF Datasheet HTML 3Page - Toshiba Semiconductor TA1267AF Datasheet HTML 4Page - Toshiba Semiconductor TA1267AF Datasheet HTML 5Page - Toshiba Semiconductor TA1267AF Datasheet HTML 6Page - Toshiba Semiconductor TA1267AF Datasheet HTML 7Page - Toshiba Semiconductor TA1267AF Datasheet HTML 8Page - Toshiba Semiconductor TA1267AF Datasheet HTML 9Page - Toshiba Semiconductor TA1267AF Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TA1267AF
2003-02-06 6/23
PIN
No.
NAME
FUNCTION
INTERFACE CIRCUIT
20
AFT output
Push-pull type current output.
Reverse type AFT.
21
VCC
Operating voltage range is 9.0 V ±
10%.
22
SIF input
In use inter-carrier application, connect
this terminal to GND. In this condition,
the SIF amplifier sets gain minimum.
23
GND
Table of System switches condition vs Operations
CONDITION
AF OUTPUT
TERMINAL
No.15
TERMINAL
No.16
2nd SIF
INPUT
TERMINAL
OUTPUT LEVEL
(mV
rms @DEVIATION)
DEEMPHASIS
EQ
AMPLIFIER
INPUT
TERMINAL
Low
Low
No.13
500@27 kHz
50 µs
No.6
Open
Low
No.14
Low
Open
No.15
Open
Open
No.16
500@13.5 kHz
75 µs
No.8
9 V
Open
500@25 kHz
Specification of VCO Tank Coil (Reference value)
PIF FREQUENCY
TUNING CAPACITANCE
38.9MHz
27pF
MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Supply Voltage
VCC
13
V
Power Dissipation
PDmax
1040 (Note 1)
mW
Operating Temperature
Topr
−20~75
°C
Storage Temperature
Tstg
−55~150
°C
Note 1: This value is on condition that the IC is mounted on PCB (50 mm × 50 mm). When using the device at Ta =
25°C, decrease the power dissipation by 8.3 mW for each increase of 1°C.


Similar Part No. - TA1267AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1267AF TOSHIBA-TA1267AF Datasheet
959Kb / 22P
   MULTISTANDARD PIF/SIF SYNCHRONOUS DEMODULATOR IC
More results

Similar Description - TA1267AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1267AF TOSHIBA-TA1267AF Datasheet
959Kb / 22P
   MULTISTANDARD PIF/SIF SYNCHRONOUS DEMODULATOR IC
TA1267F TOSHIBA-TA1267F Datasheet
165Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT(MULTISTANDARD PIF / SIF SYNCHRONOUS DEMODULATOR IC)
TA1274F TOSHIBA-TA1274F Datasheet
555Kb / 18P
   PIF/SIF SYNCHRONOUS DEMODULATOR IC
TA1274F TOSHIBA-TA1274F_02 Datasheet
261Kb / 22P
   PIF / SIF SYNCHRONOUS DEMODULATOR IC
TA8700AN TOSHIBA-TA8700AN Datasheet
540Kb / 16P
   PIF/SIF IC FOR TV/VTR
TA8800N TOSHIBA-TA8800N Datasheet
838Kb / 21P
   PLL PIF/SIF IC FOR TV/VTR
TA8800N TOSHIBA-TA8800N_01 Datasheet
857Kb / 22P
   PLL PIF/SIF IC FOR TV/VTR
TA8701AN TOSHIBA-TA8701AN Datasheet
607Kb / 18P
   PIF/SIF ATT IC FOR TV/VTR
TA7680AP TOSHIBA-TA7680AP Datasheet
435Kb / 17P
   TELEVISION PIF SIF SYSTEM
logo
New Japan Radio
NJM2542 NJRC-NJM2542 Datasheet
97Kb / 6P
   VIF/ SIF DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com