Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTP-628WSL120 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FTP-628WSL120
Description  Battery drive, MOBILE type Compact standalone thermal pl printer 2??easy loading model
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTP-628WSL120 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FTP-628WSL120 Datasheet HTML 1Page - Fujitsu Component Limited. FTP-628WSL120 Datasheet HTML 2Page - Fujitsu Component Limited. FTP-628WSL120 Datasheet HTML 3Page - Fujitsu Component Limited. FTP-628WSL120 Datasheet HTML 4Page - Fujitsu Component Limited. FTP-628WSL120 Datasheet HTML 5Page - Fujitsu Component Limited. FTP-628WSL120 Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
FTP-628WSL110/120Series
FTP-628WSL0/20 Specs continued
Notes: *: There may be exeptions
*2: ESC/POSTM Seiko/Epson trademark
*3: FTP-628WSL0 only
*4:0to+40˚Cguaranteeofprintquality
m
e
tI
n
o
it
a
c
if
i
c
e
p
S
e
p
y
T
e
d
o
C
r
a
B
,
F
T
I
,
9
3
E
D
O
C
,
8
N
A
J
,
3
1
N
A
J
,
E
-
C
P
U
,
A
-
C
P
U
R
Q
,
7
1
4
F
D
P
,I
X
A
M
,
8
2
1
E
D
O
C
,
R
A
B
A
D
O
C
e
c
a
fr
e
t
n
I
l
a
ir
e
S
C
2
3
2
-
S
R
A
D
rI
n
o
i
s
r
e
V
)l
o
c
o
t
o
r
p
M
M
O
C
rI
(
2
.
1
*
h
t
o
o
t
e
u
l
B
3
)
e
li
f
o
r
p
P
P
S
(
1
.
1
n
o
i
s
r
e
V
d
r
a
d
n
a
t
S
y
t
e
f
a
S
e
s
i
o
N
5
1
tr
a
P
C
C
F
,
B
s
s
a
l
C
C
C
F
t
n
a
t
s
i
s
e
r
r
e
t
a
W
2
s
s
a
l
C
0
2
9
0
C
S
I
J
l
a
t
n
e
m
n
o
ri
v
n
E
s
n
o
it
i
d
n
o
c
e
r
u
t
a
r
e
p
m
e
t
g
n
it
a
r
e
p
O
C*
˚
0
5
+
o
t
C
˚
0
4
y
ti
d
i
m
u
h
g
n
it
r
e
p
O
)
n
o
it
a
s
n
e
d
n
o
c
o
n
(
H
R
%
5
8
o
t
0
3
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
˚
0
6
+
o
t
C
˚
0
2
-
y
ti
d
i
m
u
h
e
g
a
r
o
t
S
)
n
o
it
a
s
n
e
d
n
o
c
o
n
(
H
R
%
0
9
o
t
5
s
n
o
it
c
n
u
f
n
o
it
c
e
t
e
D
e
r
u
t
a
r
e
p
m
e
t
d
a
e
H
r
o
t
s
i
m
r
e
h
t
y
b
d
e
t
c
e
t
e
D
t
c
e
t
e
d
k
r
a
M
r
o
t
p
u
r
r
e
t
n
i-
o
t
o
h
p
y
b
d
e
t
c
e
t
e
D
t
u
o
r
e
p
a
P
r
o
t
p
u
r
r
e
t
n
i-
o
t
o
h
p
y
b
d
e
t
c
e
t
e
D
n
e
p
o
r
e
v
o
C
h
c
ti
w
s
-
o
r
c
i
m
y
b
d
e
t
c
e
t
e
D
ns
o
it
c
n
u
F
r
o
j
a
M
e
d
o
m
e
g
a
P
e
g
a
m
i
d
n
a
r
e
t
c
a
r
a
h
c
f
o
n
o
it
a
rt
s
i
g
e
R
s
r
e
t
c
a
r
a
h
c
e
g
r
a
l
n
E
y
l
p
e
r
s
u
t
a
t
s
o
t
u
A
s
r
e
p
a
p
e
v
it
i
s
n
e
s
l
a
m
r
e
h
t
d
e
d
n
e
m
m
o
c
e
R
r
e
p
a
p
e
v
it
i
s
n
e
s
h
g
i
H
)
r
e
p
a
p
n
o
p
p
i
N
(
4
E
-
S
K
0
5
F
T
r
e
p
a
P
d
r
a
d
n
a
t
S
4
0
7
0
P
0
2
0
-
P
T
F
,)
r
e
p
a
p
n
o
p
p
i
N
(
E
-
S
K
0
6
-
F
T
)
r
e
p
a
p
ij
O
(
R
0
5
1
D
P
r
e
p
a
p
m
r
e
t
m
u
i
d
e
M
,)
r
e
p
a
p
n
o
p
p
i
N
(
1
F
-
S
K
0
6
-
F
T
,)
r
e
p
a
p
ij
O
(
R
0
7
1
D
P
,)
r
e
p
a
p
i
h
s
i
b
u
s
ti
M
(
1
-
B
B
V
0
2
2
P
)
m
li
F
ij
O
(
H
3
-
C
B
5
6
H
F
r
e
p
a
p
m
r
e
t
g
n
o
L
,)
r
e
p
a
p
ij
O
(
N
-
R
0
6
1
D
P
)i
h
s
i
b
u
s
ti
M
(
5
3
2
-
P
F
A
C
Label paper
HW54T (Nippon paper)


Similar Part No. - FTP-628WSL120

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-628WSL100 FUJITSU-FTP-628WSL100 Datasheet
354Kb / 9P
   Battery drive, MOBILE type Compact standalone thermal printer 2??easy loading model
FTP-628WSL100/200-R FUJITSU-FTP-628WSL100/200-R Datasheet
354Kb / 9P
   Battery drive, MOBILE type Compact standalone thermal printer 2??easy loading model
More results

Similar Description - FTP-628WSL120

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-628WSL100 FUJITSU-FTP-628WSL100 Datasheet
354Kb / 9P
   Battery drive, MOBILE type Compact standalone thermal printer 2??easy loading model
FTP-628MCL701 FUJITSU-FTP-628MCL701 Datasheet
323Kb / 6P
   BATTERY DRIVER, FTP-608 Series(2inch high speed thermal printer) - Vertical Easy Loading Method
FTP-648M FUJITSU-FTP-648M Datasheet
305Kb / 6P
   battery drive, 4 high speed thermal printer
FTP-62DMCL101 FUJITSU-FTP-62DMCL101 Datasheet
607Kb / 6P
   battery drive, FTP-60D Series 2??high speed thermal printer
FTP-628MCL103 FUJITSU-FTP-628MCL103 Datasheet
376Kb / 7P
   battery drive, FTP-608 Series 2??high speed thermal printer
FTP-628MCL353 FUJITSU-FTP-628MCL353 Datasheet
184Kb / 7P
   2??HIGH SPEED THERMAL PRINTER
FTP-628MCL053 FUJITSU-FTP-628MCL053 Datasheet
64Kb / 6P
   2??HIGH SPEED THERMAL PRINTER
logo
Extech Instruments Corp...
PR20 EXTECH-PR20 Datasheet
143Kb / 1P
   Portable Thermal Printer
logo
AiT Semiconductor Inc.
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
logo
Fujitsu Component Limit...
FP-1000 FUJITSU-FP-1000 Datasheet
1Mb / 7P
   FUJITSU THERMAL PRINTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com