Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD-120A Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # AD-120A
Description  120W Dual Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

AD-120A Datasheet(HTML) 2 Page - Astrodyne Corporation

  AD-120A Datasheet HTML 1Page - Astrodyne Corporation AD-120A Datasheet HTML 2Page - Astrodyne Corporation AD-120A Datasheet HTML 3Page - Astrodyne Corporation AD-120A Datasheet HTML 4Page - Astrodyne Corporation AD-120A Datasheet HTML 5Page - Astrodyne Corporation AD-120A Datasheet HTML 6Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
120W Dual Output Switching Power Supply
A d - 1 2 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTROdYNE.COM
Mechanical�Specification
Derating�Curve
Static�Characteristics(B)
File�Name:D-120-SPEC���2004-11-30
Case�No.�906�����Unit:mm
AMBIENT�TEMPERATURE�(
)
199
100
172
5
192
Terminal�Pin.�No Assignment
Pin�No.
Pin�No.
1
4
3
2
5,6
7,8
Assignment
Assignment
DC�OUTPUT +V2
DC�OUTPUT COM
DC�OUTPUT +V1
FG
AC/N
AC/L
INPUT�VOLTAGE�(V)�60Hz
-10
-10
0
0
10
20
30
40
50
45
60
55
(VERTICAL)
(HORIZONTAL)
20
40
60
80
100
8
7
6
5
4
3
2
1
60
120
85
170
90
180
95
190
100
200
105
210
110
220
115
230
120
240
125
250
130
260
300
250
200
150
100
50
25
Ta=25
+24V
+24V
+5V
+5V
25
19
21
20
24
23
22
4.8
5.0
5.2
4.4
4.6
4.2
4.0
5-M3
20
159
190.5
6
3.5
120W�Dual�Output�Switching�Power�Supply
D - 1 2 0 series


Similar Part No. - AD-120A

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
AD-1102S BOTHHAND-AD-1102S Datasheet
280Kb / 1P
   ADSL LINE TRANSFORMER
AD-1308S BOTHHAND-AD-1308S Datasheet
85Kb / 1P
   ADSL LINE TRANSFORMER
logo
COTEK ELECTRONIC IND. C...
AD-1500-12 COTEK-AD-1500-12 Datasheet
1Mb / 6P
   1500W Programmable Digital Power Supply
2022.04
AD-1500-15 COTEK-AD-1500-15 Datasheet
1Mb / 6P
   1500W Programmable Digital Power Supply
2022.04
AD-1500-24 COTEK-AD-1500-24 Datasheet
1Mb / 6P
   1500W Programmable Digital Power Supply
2022.04
More results

Similar Description - AD-120A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
D-120 MEANWELL-D-120 Datasheet
453Kb / 2P
   120W Dual Output Switching Power Supply
logo
XP Power Limited
D-120A XPPOWER-D-120A Datasheet
258Kb / 4P
   120W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
D-120 MEANWELL-D-120_10 Datasheet
461Kb / 2P
   120W Dual Output Switching Power Supply
HLG-120 MEANWELL-HLG-120_11 Datasheet
344Kb / 6P
   120W Single Output Switching Power Supply
HLG-120_1107 MEANWELL-HLG-120_1107 Datasheet
371Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H-48A MEANWELL-HLG-120H-48A Datasheet
187Kb / 7P
   120W Single Output Switching Power Supply
EPS-120 MEANWELL-EPS-120 Datasheet
581Kb / 4P
   120W Single Output Switching Power Supply
logo
RSG Electronic Componen...
Q-120 RSG-Q-120 Datasheet
139Kb / 2P
   120W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
HLG-120H MEANWELL-HLG-120H Datasheet
345Kb / 6P
   120W Single Output Switching Power Supply
Q-120 MEANWELL-Q-120_10 Datasheet
684Kb / 2P
   120W Quad Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com