Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD20A48N-6 Datasheet(PDF) 2 Page - Astec America, Inc

Part # ALD20A48N-6
Description  Single Output 16th Brick: 60Watts
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALD20A48N-6 Datasheet(HTML) 2 Page - Astec America, Inc

  ALD20A48N-6 Datasheet HTML 1Page - Astec America, Inc ALD20A48N-6 Datasheet HTML 2Page - Astec America, Inc ALD20A48N-6 Datasheet HTML 3Page - Astec America, Inc ALD20A48N-6 Datasheet HTML 4Page - Astec America, Inc ALD20A48N-6 Datasheet HTML 5Page - Astec America, Inc ALD20A48N-6 Datasheet HTML 6Page - Astec America, Inc ALD20A48N-6 Datasheet HTML 7Page - Astec America, Inc ALD20A48N-6 Datasheet HTML 8Page - Astec America, Inc ALD20A48N-6 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Technical Reference Notes
ALD12/18/20/25 Series
(Single Output 16
th Brick)
MODEL: ALD12/18/20/25 SERIES
SHEET 2 OF 20
AUGUST 17, 2005 – REVISION C
Electrical Specifications
ABSOLUTE MAXIMUM RATINGS
Stresses in excess of the absolute maximum ratings can cause permanent damage to the converter. Functional operation of
the device is converter is not implied at these or any other conditions in excess of those given in the operational section of
the specs. Exposure to absolute maximum ratings for extended period can adversely affect device reliability.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Input Voltage
1
Continuous
Transient (100ms)
All
VIN
VIN, trans
-0.3
-
-
-
75
100
Vdc
Isolation Voltage
Input to Output
All
1500
-
-
Vdc
Operating Temperature
All
Ta
-40
-
85
ºC
Storage Temperature
All
TSTG
-40
-
125
ºC
Operating Humidity
All
-
10
-
85
%
Max Voltage at Enable Pin
All
-0.6
-
25
Vdc
Max Output Power
A (5V0)
-
-
60
W
F (3V3)
-
-
60
W
G (2V5)
-
-
50
W
Y (1V8)
-
-
45
W
M (1V5)
-
-
38
W
K (1V2)
-
-
30
W
INPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage Range
All
VIN
36
48
75
Vdc
Input Under-Voltage Lock-out
T_ON Threshold
T_OFF Threshold
All
34.0
31.0
34.8
32.5
36.0
33.5
Vdc
Input Current
1
(VIN = VIN, Min; IO = IO, Max)
5V0 (A)
3V3 (F)
2V5 (G)
1V8 (Y)
1V5 (M)
1V2 (K)
IIN-MAX
-
-
-
-
-
-
-
-
2.4
2.4
1.9
1.6
1.4
1.1
A
Max Pdiss @ IO = 0A
(VIN = VIN, Nom; TA ≥ 25°C)
5V0 (A)
3V3 (F)
2V5 (G)
1V8 (Y)
1V5 (M)
1V2 (K)
-
-
-
-
-
-
-
-
4.1
3.9
3.4
3.4
3.4
2.6
W
Input Ripple Current
2
5Hz to 20MHz
All
II1
-
-
10
mAp-p
Input Voltage Rise Time
10% to 90% of Vout
All
-
1
-
V/ms
Inrush Current
All
I
2/s
-
-
1
A
2/s


Similar Part No. - ALD20A48N-6

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALD20G48 EMERSON-NETWORKPOWER-ALD20G48 Datasheet
328Kb / 2P
   High Efficiency
ALD20G48-6 EMERSON-NETWORKPOWER-ALD20G48-6 Datasheet
328Kb / 2P
   High Efficiency
ALD20G48-6L EMERSON-NETWORKPOWER-ALD20G48-6L Datasheet
328Kb / 2P
   High Efficiency
ALD20G48-6S EMERSON-NETWORKPOWER-ALD20G48-6S Datasheet
328Kb / 2P
   High Efficiency
ALD20G48-6SL EMERSON-NETWORKPOWER-ALD20G48-6SL Datasheet
328Kb / 2P
   High Efficiency
More results

Similar Description - ALD20A48N-6

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPMGS-20 RECOM-RPMGS-20 Datasheet
965Kb / 7P
   20 Amp 16th Brick Open Frame Single Output
REV.: 0/2022
logo
Qualtek Electronics Cor...
QPD-60 QUALTEK-QPD-60 Datasheet
577Kb / 2P
   60Watts Single Output
QPD-60-5 QUALTEK-QPD-60-5 Datasheet
1Mb / 2P
   60Watts Single Output
QPS-60 QUALTEK-QPS-60 Datasheet
563Kb / 2P
   60Watts Single Output
logo
Bel Fuse Inc.
XRSB-80T03X BEL-XRSB-80T03X Datasheet
1Mb / 15P
   3.3 VDC / 25 A Output / 16th Brick Converter
logo
Emerson Network Power
ALD13B50 EMERSON-NETWORKPOWER-ALD13B50 Datasheet
578Kb / 3P
   1/16th Brick IBC Series
logo
Delta Electronics, Inc.
AMD-24V060WXYA DELTA-AMD-24V060WXYA Datasheet
881Kb / 5P
   60Watts Output Power
V36SE3R315NRFA DELTA-V36SE3R315NRFA Datasheet
448Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Delphi Series V36SE, 1/16th Brick DC/DC
V36SE DELTA-V36SE Datasheet
721Kb / 13P
   Industry standard 1/16th brick size & pinout
V36SE05010 DELTA-V36SE05010 Datasheet
721Kb / 13P
   Industry standard 1/16th brick size & pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com