Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADD-55A Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # ADD-55A
Description  55W Single Output with Battery Charger (USP Function)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ADD-55A Datasheet(HTML) 2 Page - Astrodyne Corporation

  ADD-55A Datasheet HTML 1Page - Astrodyne Corporation ADD-55A Datasheet HTML 2Page - Astrodyne Corporation ADD-55A Datasheet HTML 3Page - Astrodyne Corporation ADD-55A Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A d - 5 5 series
55W Single Output with Battery Charger (USP Function)
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTROdYNE.COM
Mechanical�Specification
Derating�Curve
Static�Characteristics�(A)
File�Name:AD-55-SPEC���2005-09-13
Case�No.�901�����Unit:mm
AMBIENT�TEMPERATURE�(
)
-10
0
10
20
30
40
50
60
20
40
50
60
70
80
100
Terminal�Pin.�No Assignment
Pin�No.
Pin�No.
Pin�No.
1
4
7
3
2
5
8
6
Assignment
Assignment
Assignment
DC�OUTPUT COM
BAT.�-/COM
DC�OUTPUT +V
BAT.�+
NC
FG
AC/N
AC/L
8
7
6
5
4
3
2
1
3.5
4.5
4.5
152.5
150
6.5
78
24
159
22
117
With�18.2CFM�min.(10cm)
+13.8V
+13.8V
NO�FAN
INPUT�VOLTAGE�(V)�60Hz
60
80
100
120
140
160
180
200
220
240
260
300
14
250
13
200
12
11
10
9
8
150
100
50
25
Ta=25
3-M
3
2-M
3
55W�Single�Output�with�Battery�Charger(USP Function)
A D - 5 5 series


Similar Part No. - ADD-55A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ADD-55A MEANWELL-ADD-55A Datasheet
707Kb / 2P
   55W Dual Output with Battery Charger(USP Function)
ADD-55A MEANWELL-ADD-55A Datasheet
392Kb / 2P
   55W Dual Output with Battery Charger(USP Function)
ADD-55A MEANWELL-ADD-55A Datasheet
380Kb / 2P
   55W Dual Output with Battery Charger(USPFunction)
More results

Similar Description - ADD-55A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ADD-55 MEANWELL-ADD-55 Datasheet
707Kb / 2P
   55W Dual Output with Battery Charger(USP Function)
ADD-55 MEANWELL-ADD-55_10 Datasheet
392Kb / 2P
   55W Dual Output with Battery Charger(USP Function)
logo
Astrodyne Corporation
AD-155 ASTRODYNE-AD-155 Datasheet
929Kb / 4P
   155W Single Output with Battery Charger (USP Function)
logo
Mean Well Enterprises C...
AD-55 MEANWELL-AD-55 Datasheet
706Kb / 2P
   55W Single Output with Battery Charger(UPS Function)
ADD-155 MEANWELL-ADD-155 Datasheet
430Kb / 2P
   155W Dual Output with Battery Charger(USP Function)
logo
Astrodyne Corporation
AD55 ASTRODYNE-AD55 Datasheet
597Kb / 3P
   55W Single Output with Battery Charging UPS Function
logo
Mean Well Enterprises C...
ADD_55 MEANWELL-ADD_55_11 Datasheet
380Kb / 2P
   55W Dual Output with Battery Charger(USPFunction)
PSC-35 MEANWELL-PSC-35 Datasheet
663Kb / 4P
   35W Single Output with Battery Charger(UPS Function)
DRC-60 MEANWELL-DRC-60 Datasheet
774Kb / 5P
   60W Single Output with Battery Charger (UPS Function)
PSC-60 MEANWELL-PSC-60 Datasheet
327Kb / 2P
   60W Single Output with Battery Charger(UPS Function)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com