Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1360ANG Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TA1360ANG
Description  YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1360ANG Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TA1360ANG Datasheet HTML 1Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 2Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 3Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 4Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 5Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 6Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 7Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 8Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 108 page
background image
TA1360ANG
2005-08-18
5
Pin
No.
Pin Name
Function
Interface Circuit
Input Signal/Output Signal
8
Y2 IN
Inputs Y2 signal via clamp
capacitor.
1 Vp-p (including sync) at 100%
color bar
or
9
Cb2/Pb2 IN
Inputs Cb2/Pb2 signal via clamp
capacitor.
700 mVp-p at 100% color bar for
Cb1/Pb1
10
Cr2/Pr2 IN
Inputs Cr2/Pr2 signal via clamp
capacitor.
700 mVp-p700 mVp-p at 100% color
bar for Cr1/Pr1
11
COLOR LIMITER Connects filter for detecting color
limit.
DC
12
VSM FILTER
Connects VSM output filter.
Connect 0.01-µF capacitor
between this pin and GND.
DC
13
H-FREQ SW1
Switches horizontal frequency
(Switch 1).
Leave this pin open when
horizontal frequency is switched
by Bus controlling.
Controlling this pin prevails over
Bus control. (Refer to Table 1:
Bus control function.)
When this IC is used for CRT,
connect this pin to DEF VCC (pin
19) or DEF GND (pin 25). If it is
not necessary to control this pin
on CRT, connect this pin directly
to DEF VCC or DEF GND on the
PCB.
DEF VCC or DEF GND
14
SYNC IN
Inputs Y signal with sync signal
via clamp capacitor.
White 100%: 1 Vp-p
or
40
6
1 k
1 k
5 kΩ
8
9
10
40
11
6
5 k
40
12
6
200 Ω
54
19
13
25
1 kΩ
19
14
25
1 kΩ
1 kΩ


Similar Part No. - TA1360ANG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1360ANG TOSHIBA-TA1360ANG Datasheet
1Mb / 108P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results

Similar Description - TA1360ANG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1360AFG TOSHIBA-TA1360AFG_05 Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1316AN TOSHIBA-TA1316AN Datasheet
1Mb / 115P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1360AFG TOSHIBA-TA1360AFG Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
logo
New Japan Radio
NJU26123 NJRC-NJU26123 Datasheet
215Kb / 19P
   Digital Signal Processor for TV
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
   Digital Signal Processor for TV
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
   Digital Signal Processor for TV
NJU26040-08B NJRC-NJU26040-08B Datasheet
192Kb / 9P
   Digital Signal Processor for TV
logo
Sanyo Semicon Device
LC74982W SANYO-LC74982W Datasheet
99Kb / 14P
   LCD TV Scan Converter IC
logo
Harris Corporation
CA3154 HARRIS-CA3154 Datasheet
83Kb / 6P
   TV Sync/AGC/Horizontal Signal Processor
logo
NTE Electronics
NTE1550 NTE-NTE1550 Datasheet
60Kb / 2P
   Integrated Circuit TV Sync Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com