Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1375FG Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA1375FG
Description  Single Conversion Tuner for Digital TV / CATV
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1375FG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA1375FG Datasheet HTML 1Page - Toshiba Semiconductor TA1375FG Datasheet HTML 2Page - Toshiba Semiconductor TA1375FG Datasheet HTML 3Page - Toshiba Semiconductor TA1375FG Datasheet HTML 4Page - Toshiba Semiconductor TA1375FG Datasheet HTML 5Page - Toshiba Semiconductor TA1375FG Datasheet HTML 6Page - Toshiba Semiconductor TA1375FG Datasheet HTML 7Page - Toshiba Semiconductor TA1375FG Datasheet HTML 8Page - Toshiba Semiconductor TA1375FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TA1375FG
2005/05/23
1
TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA1375FG
Single Conversion Tuner for Digital TV / CATV
The TA1375FG is a tuner IC for for Digital TV and CATV applications
that integrates a PLL block and mixer, oscillator, IF amplifier and IF
GCA on a single chip.
This oscillator and PLL circuits are low phase noise.
The control data of the PLL block conforms to I²C-bus formats.
Small flat package : LQFP48(0.5mm pitch)
Features
Vcc: 5V(typ.)
Two-band mixer
Three-band oscillator
Low phase noise oscillator circuit
Built-In IF GCA circuit
IF output driver
GCA block: Gain changeover switch (3dB shift possible)
Direct 2 modulus type frequency synthesizer
I²C bus format control
33V high voltage tuning amplifier built-in
Four-bit bandswitch drive transistor
Frequency step : 50kHz, 62.5kHz, 142.86kHz, 166.67kHz (when a 4MHz crystal is used.)
Four-programmable chip address
Power-on reset circuit
Package: Pb-free
Power on reset status
Frequency step : [62.5kHz]
Charge pump current: [Low]
Counter data: ALL [ 0 ]
Band driver: [OFF]
Tuning amplifier: [OFF] (charge pump is sink mode)
Local oscillator and mixer: ALL [OFF]
note1:
These devices are easy to be damaged by high voltage or electric fields. In regards to this, please handle with care.
note2:
Install the product correctly. Otherwise, it may result in break down, damage and/or degration to the product or
equipment.
LQFP48-P-0707-0.5
Weight: 0.17g (typ.)


Similar Part No. - TA1375FG

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1375A TAI-SAW-TA1375A Datasheet
417Kb / 7P
   SAW Filter 880 MHz
logo
Golledge Electronics Lt...
TA1375A GOLLEDGE-TA1375A Datasheet
112Kb / 6P
   SAW Filter 880.0MHz
More results

Similar Description - TA1375FG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580_08 Datasheet
259Kb / 21P
   Direct-Conversion TV Tuner
Rev 6; 11/08
MAX3580 MAXIM-MAX3580_07 Datasheet
419Kb / 21P
   Direct-Conversion TV Tuner
Rev 3; 10/07
MAX3580 MAXIM-MAX3580_09 Datasheet
345Kb / 21P
   Direct-Conversion TV Tuner
Rev 7; 1/09
MAX3580 MAXIM-MAX3580 Datasheet
418Kb / 21P
   Direct-Conversion TV Tuner
Rev 0; 7/06
logo
Sony Corporation
CXA1165P SONY-CXA1165P Datasheet
381Kb / 12P
   CATV and VHF TV Tuner
logo
ANADIGICS, Inc
ACD0900 ANADIGICS-ACD0900 Datasheet
132Kb / 12P
   VHF/UHF CATV/TV Tuner
ACD0900S3C ANADIGICS-ACD0900S3C Datasheet
252Kb / 4P
   VHF/UHF CATV/TV Tuner Downconverter
logo
Texas Instruments
SN761640 TI1-SN761640 Datasheet
1Mb / 30P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI-SN761668 Datasheet
504Kb / 24P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI1-SN761668_15 Datasheet
475Kb / 25P
[Old version datasheet]   DIGITAL TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com