Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD60-148VFC Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # ALD60-148VFC
Description  60W, Single Output, Class 2 LED Drivers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ALD60-148VFC Datasheet(HTML) 2 Page - Astrodyne Corporation

  ALD60-148VFC Datasheet HTML 1Page - Astrodyne Corporation ALD60-148VFC Datasheet HTML 2Page - Astrodyne Corporation ALD60-148VFC Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
60W, Single Output, Class 2 LED Drivers
A L D 6 0 series
ASTRODYNE USA: 1-800-823-8082
WWW.ASTRODYNE.COM
ASTRODYNE EUROPE: 353 51 561060
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage ALD60
90-264 VAC (120/240 VAC Nominal)
Max. Iin
1.5A @ 100 VAC Input
Input Frequency
47-63Hz
Max. Inrush Current
30A @ 230VAC Input
25°C, cold start-up
OUTPUT SPECIFICATIONS
Output Voltage/Current
See Model Chart
Output Voltage Adjust
+10/-25%
Max. Output Power
See Model Chart
Efficiency
83% typ. @ FL, 230 VAC Input
Hold Up Time
16mS @ FL, 100 VAC Input
Start Up Time
1 Second, typ.
Transient Response
4mS, FL to 1/2L, 100 VAC Input
Line Regulation
±1% max.
Load Regulation
±3% max.
Over Load Protection
Constant Current Limiting *
Constant Current Mode Regulation
±3% max.
Constant Current Adjust
+5/-95%
Over Voltage Protection
130% max. *
Short Circuit Protection
Hiccup Mode, Auto Recovery *
ENVIRONMENTAL SPECIFICATIONS
MTBF
55K Hrs, FL @ 25°C ambient,
Based on MIL-217F
Cooling
Convection
Operating Temp.
-25°C to +60°C FL
Storage Temperature
-40°C to +85°C
PHYSICAL SPECIFICATIONS
Case / Design / Material / Color / Internal
NEMA 3 / Aluminum
White / Potted PCB
Mounting and Connection
Flange Mount, AC/DC Conduit
Entries, Knockouts for 1/2”
Conduit and Fittings
Size
9.68”L x 2.56”W x 2.05”H
Weight
1.94 lb (880g)
COMPLIANCE / SAFETY
EMI / RFI
CISPR-22B, FCC-15B EMC
Safety Standards
UL/CUL 1310, Class 2,
Outdoor Wet Locations
for UL 48 LED Lighting
CE EN60950
Weatherability Standard
EN60529 - Weatherability of an
Enclosure - Rated to IP65
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.


Similar Part No. - ALD60-148VFC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ALD ABRACON-ALD Datasheet
312Kb / 2P
   CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
ALD ABRACON-ALD Datasheet
312Kb / 2P
   CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
logo
CINCON ELECTRONICS Corp...
ALD CINCON-ALD Datasheet
1Mb / 2P
   50.4 WATT BUCK LED DRIVER with DALI
logo
TDK Electronics
ALD-310012PJ125 TDK-ALD-310012PJ125 Datasheet
644Kb / 4P
   DC-DC Converter for LC Panels with LED Backlights
ALD-414012PJ126 TDK-ALD-414012PJ126 Datasheet
596Kb / 4P
   DC-DC Converter for LC Panels with LED Backlights
More results

Similar Description - ALD60-148VFC

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ALD120 ASTRODYNE-ALD120 Datasheet
308Kb / 3P
   120W, Single Output, 2 Channel, Class 2 LED Drivers
logo
Mean Well Enterprises C...
ELN-60 MEANWELL-ELN-60 Datasheet
275Kb / 4P
   60W Single Output Class 2 Switching Power Supply
ELN-60 MEANWELL-ELN-60_12 Datasheet
185Kb / 3P
   60W Single Output Class 2 Switching Power Supply
ELN-60 MEANWELL-ELN-60_11 Datasheet
178Kb / 3P
   60W Single Output Class 2 Switching Power Supply
ELN-60-48D MEANWELL-ELN-60-48D Datasheet
110Kb / 3P
   60W Single Output Class 2 Switching Power Supply
PLP-60 MEANWELL-PLP-60 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60 Datasheet
189Kb / 2P
   60W Single Output LED Power Supply
CLG-60 MEANWELL-CLG-60_12 Datasheet
245Kb / 3P
   60W Single Output LED Power Supply
PLC-60 MEANWELL-PLC-60_12 Datasheet
263Kb / 3P
   60W Single Output LED Power Supply
CLG-60 MEANWELL-CLG-60_11 Datasheet
238Kb / 3P
   60W Single Output LED Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com