Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASC-15S Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # ASC-15S
Description  30 Watt Ultraminiature Modular Switching Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASC-15S Datasheet(HTML) 2 Page - Astrodyne Corporation

  ASC-15S Datasheet HTML 1Page - Astrodyne Corporation ASC-15S Datasheet HTML 2Page - Astrodyne Corporation ASC-15S Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
30 Watt Ultraminiature Modular Switching Power Supplies
A S C series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
VER : A_0
update : 94.03.21
AC-DC Power Module
ASC SERIES
30 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508 FAX: +886-2-26981319
-2-
ELECTRICAL SPECIFICATIONS
Model No.
( Dual
• •Triple Output )
ASC-5D
ASC-12D
ASC-15D
ASC-5S12S
ASC-5S12D
ASC-5S15D
Max Output Wattage (W)
30W
30W
30W
30W
30W
30W
Voltage
90-264 VAC or 120-370 VDC
Frequency (Hz)
47-440 Hz
Current (Full load)
520 mA max. (115 VAC) / 320 mA max. (230 VAC)
Inrush Current (<2ms)
10 A max. (115 VAC) /20 A max. (230 VAC)
Leakage Current
0.75 mA max.
Input
External Fuse (recommend)
1.5 A slow blow type
Voltage (V.DC.)
±5V
±12V
±15V
5/12
5/±12
5/±15
Voltage Accuracy
±2%
Current (mA) max
±3000
±1250
±1000
3000/1250
3000/±630
3000/±500
Line Regulation (LL-HL) (typ.)
±1%
±1% / ±5%
Load Regulation (5-00%) (typ.)
±3%
±2% / ±6%
Minimum Load
2%
3%
1%
20%
20%
20%
Maximum Capacitive Load
470-23,000µF depending on model
Ripple
<0.2% Vout +40mV max (Vp-p)
Noise
<0.5% Vout +50mV max (Vp-p)
Efficiency
73%
78%
76%
77%
77%
76%
Hold-up Time
15 ms min.
Output
Switching Frequency
100 kHz
Over Power Protection
Hiccup technique, auto-recovery
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Isolation
Input-Output (V.AC)
3000 V
Operating Temperature
-25°C…+70°C (with derating)
Storage Temperature
-40°C…+85°C
Temperature Coefficient
±0.02%/°C
Humidity
95% RH
Environment
MTBF
>200,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
3.5 x 2.5 x 0.98 Inches ( 89.0 x 63.5 x 25.0 mm ) Tolerance
�0.5 mm
Case Material
Plastic resin with Fiberglass (flammability to UL 94V-0)
Weight
220 g
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
UL/cUL, CE, TUV, CB
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Note
1.
The triple output required a minimum 20% loading on the output to maintain specified regulation. Operation under no-load condition will not
damage these devices; however they may not meet all listed specification.
2.
Load regulation for triple output:
Main output (V1): 20% to 100% with 20% to 100% balanced on auxiliaries.
Auxiliary outputs (V2 and V3): 20% to 100% balanced on all outputs.
3.
Cross regulation for triple output:
Main output 100% load, auxiliary 100%, other auxiliary 25% to 100%.
Auxiliary outputs (V2 and V3): Main output 100% load, auxiliary 100%, other auxiliary 25% to 100% or main output 25%, auxiliary 25%, other
auxiliary 25% to 100%.


Similar Part No. - ASC-15S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ASC-15S ARCH-ASC-15S Datasheet
547Kb / 6P
   AC-DC Power Module
logo
Astrodyne Corporation
ASC-15S ASTRODYNE-ASC-15S Datasheet
1Mb / 3P
   30W Ul t raminiature Modular Swi tching Power Suppl ies
logo
Arch Electronics Corp.
ASC-15S ARCH-ASC-15S Datasheet
308Kb / 4P
   AC-DC Power Module
More results

Similar Description - ASC-15S

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ANC ASTRODYNE-ANC Datasheet
252Kb / 3P
   15 Watt Ultraminiature Modular Switching Power Supplies
APC ASTRODYNE-APC Datasheet
247Kb / 3P
   5 Watt Ultraminiature Modular Switching Power Supplies
ATC ASTRODYNE-ATC Datasheet
244Kb / 3P
   10 Watt Ultraminiature Modular Switching Power Supplies
MCA-15 ASTRODYNE-MCA-15 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
logo
List of Unclassifed Man...
MCA-15 ETC2-MCA-15 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
logo
Astrodyne Corporation
MCA-5 ASTRODYNE-MCA-5 Datasheet
1Mb / 5P
   5W Ultraminiature Modular Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MCA-30 ASTRODYNE-MCA-30 Datasheet
1Mb / 5P
   30W Ultraminiature Modular Switching Power Supplies
MCA10 ASTRODYNE-MCA10 Datasheet
1,000Kb / 6P
   10W Ultraminiature Modular Switching Power Supplies
MCA5 ASTRODYNE-MCA5 Datasheet
496Kb / 6P
   5W Ultraminiature Modular Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com