Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA2170FLG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TA2170FLG
Description  Low Current Consumption Headphone Amplifier (Built-in Input Selector)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2170FLG Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TA2170FLG Datasheet HTML 1Page - Toshiba Semiconductor TA2170FLG Datasheet HTML 2Page - Toshiba Semiconductor TA2170FLG Datasheet HTML 3Page - Toshiba Semiconductor TA2170FLG Datasheet HTML 4Page - Toshiba Semiconductor TA2170FLG Datasheet HTML 5Page - Toshiba Semiconductor TA2170FLG Datasheet HTML 6Page - Toshiba Semiconductor TA2170FLG Datasheet HTML 7Page - Toshiba Semiconductor TA2170FLG Datasheet HTML 8Page - Toshiba Semiconductor TA2170FLG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TA2170FLG
2006-04-19
4
Pin No. & Name
Function
Internal Circuit
Pin
Voltage
(V)
13
OUT ADJ
DC output voltage adjustment
Either connect this pin or leave it
open, depending on the level of
VCC2.
If the power supply of a 1.5-V
system is applied to VCC2, connect
this pin to BIAS IN (pin 14).
If the power supply of a 3-V system
is applied to VCC2, leave this pin
open.
1.85
14
BIAS IN
Bias circuit input
1.15
15
BIAS OUT
Bias circuit output
1.15
16
VCC1
VCC for everything other than the
power drive stage
3
18
RF IN
Ripple filter input
2.7
17
GND
0
19
PW SW
Power switch
IC ON: H level
IC OF : L level
Refer to Application Note 4.
3
20
ALL MUTE
All mute switch
Mute ON: L level
Mute OFF: H level
Refer to Application Note 4.
21
MUTE3
Mute switch of buffer amplifier 3
Mute ON: L level
Mute OFF: H level
Refer to Application Note 4.
22
MUTE2
Mute switch of buffer amplifier 2
Mute ON: L level
Mute OFF: H level
Refer to Application Note 4.
23
MUTE1A
Mute switch of buffer amplifier 1A
Mute ON: L level
Mute OFF: H level
This switch is used for turning on
A channel mutes for buffer
amplifier 1.
Refer to Application Note 4.
24
MUTE1
Mute switch of buffer amplifier 1
Mute ON: L level
Mute OFF: H level
Refer to Application Note 4.
VCC2
VCC1
15
16
13
18
14
VCC1
100 k
19
VCC
10 k
21
VCC
10 k
20
20 k


Similar Part No. - TA2170FLG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2170FTG TOSHIBA-TA2170FTG Datasheet
229Kb / 12P
   Low Current Consumption Headphone Amplifier (Built-in input selector)
More results

Similar Description - TA2170FLG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2170FTG TOSHIBA-TA2170FTG Datasheet
229Kb / 12P
   Low Current Consumption Headphone Amplifier (Built-in input selector)
logo
Asahi Kasei Microsystem...
AKD4665A-A AKM-AKD4665A-A Datasheet
880Kb / 39P
   20bit CODEC with built-in Input PGA and Headphone Amplifier
logo
Toshiba Semiconductor
TA2160FNG TOSHIBA-TA2160FNG Datasheet
275Kb / 17P
   Low Consumption Current Stereo Headphone Amplifier (1.5/3 V use)
TA2152FLG TOSHIBA-TA2152FLG Datasheet
302Kb / 18P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2152FNG TOSHIBA-TA2152FNG Datasheet
276Kb / 16P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2131FLG TOSHIBA-TA2131FLG Datasheet
438Kb / 21P
   Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost
logo
Rohm
BD12730G ROHM-BD12730G Datasheet
409Kb / 21P
   Low Current Consumption Input/Output Full Swing Operational Amplifier
logo
Toshiba Semiconductor
TA2120FNG TOSHIBA-TA2120FNG Datasheet
253Kb / 17P
   Low Consumption Current Stereo Headphone Power Amplifier for Portable CD (3V Use)
TA2131FNG TOSHIBA-TA2131FNG Datasheet
412Kb / 19P
   Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost Function)
TA2131FN TOSHIBA-TA2131FN Datasheet
280Kb / 19P
   Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost Function)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com