Electronic Components Datasheet Search |
|
AEQ60A24-198 Datasheet(PDF) 4 Page - Astec America, Inc |
|
AEQ60A24-198 Datasheet(HTML) 4 Page - Astec America, Inc |
4 / 15 page -4- A A P PA A 0 0 6 6 N N o o n n --IIs s o o lla a tte e d d P P o o w w e e rr S S IIP P s s 3 3 V V --5 5 ..5 5 V V IIn n p p u u tt,, 1 1 ..2 2 V V --3 3 ..3 3 V V O O u u ttp p u u tt,, 9 9 --2 2 0 0 W W O O u u ttp p u u tt USA Europe Asia TEL: 1-760-930-4600 44-(0)1384-842-211 852-2437-9662 FAX: 1-760-930-0698 44-(0)1384-843-355 852-2402-4426 www.astec.com Absolute Maximum Rating Input Voltage(continuous) 6 Vdc Input Voltage(peak/surge) 7 Vdc 100ms non-repetitive Operating temperature -25 55 °C 200LFM storage temperature -40 125 °C AVN20 Series Output Characteristics Power APA06K04( E-6 ) 7.2 W APA06M04( E-6 ) 9 W APA06Y04( E-6 ) 10.8 W APA06D04( E-6 ) 12.6 W APA06G05( E-6 ) 15 W APA06F05( E-6 ) 19.8 W Output Current 6 A Line Regulation 0.5 %Vo Io=6A Load Regulation 1 %Vo Io=0~6A, Vin=5V Efficiency APA06K04( E-6 ) 76 78 % APA06M04( E-6 ) 79 81 % APA06Y04( E-6 ) 81 83 % APA06D04( E-6 ) 84 86 % APA06G05( E-6 ) 86 88 % APA06F05( E-6 ) 87 89 % Dynamic Response 25-50% load 50 70 mV Ta=25°C, di/dt =1A/10µs 100 200 µs Ta=25°C, di/dt =1A/10µs 50-25% load 50 100 mV Ta=25°C, di/dt =1A/10µs 100 200 µs Ta=25°C, di/dt =1A/10µs Current Limit Threshold 6.6 9 10.8 A Output Setpoint Voltage -1 0 +1 %Vo Vin=5V, Io=6A Trim Range 84 116 %Vo Sense Compensation 16 Vo% Temperature Coefficient 0.02 %Vo/°C Ripple (p-p) 25 50 mV ( 0 to 20MHz BW ) Noise (p-p) 50 mV ( 0 to 20MHz BW ) Switching Frequency 450 kHz Characteristic Min Typ Max Units Notes Characteristic Min Typ Max Units Notes |
Similar Part No. - AEQ60A24-198 |
|
Similar Description - AEQ60A24-198 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |