Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA4107F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TA4107F
Description  1 GHz Band Down Converter Application
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA4107F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TA4107F Datasheet HTML 1Page - Toshiba Semiconductor TA4107F Datasheet HTML 2Page - Toshiba Semiconductor TA4107F Datasheet HTML 3Page - Toshiba Semiconductor TA4107F Datasheet HTML 4Page - Toshiba Semiconductor TA4107F Datasheet HTML 5Page - Toshiba Semiconductor TA4107F Datasheet HTML 6Page - Toshiba Semiconductor TA4107F Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TA4107F
2007-11-01
2
Electrical Characteristics (VCC = 4.5 V, Ta = 25°C, Zg = Zl = 50 Ω)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Circuit current
ICC
non carrier
22.5
29.5
40.5
mA
Conversion gain
C. Gain
RFin
= 1 GHz/−15dBmW,
Loin
= 950 MHz/−5dBmW
−3.5
−0.5
3.5
dB
Input IP3
IIP3
RF (1)
= 996 MHz/−15dBmw,
RF (2)
= 1000 MHz/−15dBmW,
Loin
= 950 MHz/−5dBmW
8
12
dBmW
Noise figure
NF
Loin
= 950 MHz/−5dBmw, DSB
12
16
dB
RF
→ Lo Leakage power
PRF → Lo
RFin
= 1 GHz/−15dBmW
−57
dBmW
Lo → RF Leakage power
PLo → RF
Loin
= 950 MHz/−5dBmW
−46
dBmW
Equivalent Circuit
6
REG1
5
4
3
7
REG2
2
8
1


Similar Part No. - TA4107F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA4107F TOSHIBA-TA4107F Datasheet
102Kb / 7P
   Bipolar Linear Integrated Circuit Silicon Monolithic
More results

Similar Description - TA4107F

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFDIP1608060LST WALSIN-RFDIP1608060LST Datasheet
598Kb / 7P
   2.4 GHz & 5 GHz Band RF Application
logo
Toshiba Semiconductor
TA4103F TOSHIBA-TA4103F Datasheet
148Kb / 4P
   1.9GHz BAND UP CONVERTER APPLICATION
logo
WALSIN TECHNOLOGY CORPO...
RFBPF2012080AF8Q1C WALSIN-RFBPF2012080AF8Q1C Datasheet
567Kb / 7P
   2.4 GHz ISM Band RF Application
RFLPF2012090K0T WALSIN-RFLPF2012090K0T Datasheet
581Kb / 7P
   5 GHz ISM Band RF Application
RFLPF1005040A27B1U WALSIN-RFLPF1005040A27B1U Datasheet
539Kb / 7P
   2.4 GHz ISM Band RF Application
RFBPB1510060A0T WALSIN-RFBPB1510060A0T Datasheet
650Kb / 7P
   2.4 GHz ISM Band RF Application
RFBLN1608050AAT WALSIN-RFBLN1608050AAT Datasheet
355Kb / 7P
   2.4 GHz ISM Band RF Application
RFBLN1608050AGT WALSIN-RFBLN1608050AGT Datasheet
623Kb / 7P
   2.4 GHz ISM Band RF Application
RFBPF2008A15T WALSIN-RFBPF2008A15T Datasheet
611Kb / 7P
   2.4 GHz ISM Band RF Application
RFBPF2009A26T WALSIN-RFBPF2009A26T Datasheet
591Kb / 7P
   2.4 GHz ISM Band RF Application
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com