Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEQ60F24-N97 Datasheet(PDF) 1 Page - Astec America, Inc

Part # AEQ60F24-N97
Description  3-5.5Vdc Input, 1.2Vdc - 3.3Vdc Output 20W DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEQ60F24-N97 Datasheet(HTML) 1 Page - Astec America, Inc

  AEQ60F24-N97 Datasheet HTML 1Page - Astec America, Inc AEQ60F24-N97 Datasheet HTML 2Page - Astec America, Inc AEQ60F24-N97 Datasheet HTML 3Page - Astec America, Inc AEQ60F24-N97 Datasheet HTML 4Page - Astec America, Inc AEQ60F24-N97 Datasheet HTML 5Page - Astec America, Inc AEQ60F24-N97 Datasheet HTML 6Page - Astec America, Inc AEQ60F24-N97 Datasheet HTML 7Page - Astec America, Inc AEQ60F24-N97 Datasheet HTML 8Page - Astec America, Inc AEQ60F24-N97 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
-1-
APA06 SIP Non-isolated Series
Technical Reference Notes
3-5.5Vdc Input, 1.2Vdc - 3.3Vdc Output
20W DC-DC Converter
(Rev01)
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
Publishing Date: 20020703


Similar Part No. - AEQ60F24-N97

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AEQ60Y48 EMERSON-NETWORKPOWER-AEQ60Y48 Datasheet
189Kb / 2P
   High Efficiency Quarter Brick
AEQ60Y48-3 EMERSON-NETWORKPOWER-AEQ60Y48-3 Datasheet
189Kb / 2P
   High Efficiency Quarter Brick
AEQ60Y48-3L EMERSON-NETWORKPOWER-AEQ60Y48-3L Datasheet
189Kb / 2P
   High Efficiency Quarter Brick
AEQ60Y48-6 EMERSON-NETWORKPOWER-AEQ60Y48-6 Datasheet
189Kb / 2P
   High Efficiency Quarter Brick
AEQ60Y48-63 EMERSON-NETWORKPOWER-AEQ60Y48-63 Datasheet
189Kb / 2P
   High Efficiency Quarter Brick
More results

Similar Description - AEQ60F24-N97

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U_10 Datasheet
423Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SKA20 MEANWELL-SKA20 Datasheet
271Kb / 1P
   20W DC-DC Regulated Single Output Converter
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U Datasheet
409Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE3R306 DELTA-S24SE3R306 Datasheet
710Kb / 12P
   20W Single/Dual Output DC/DC Converter
logo
Mean Well Enterprises C...
SKA20 MEANWELL-SKA20_12 Datasheet
272Kb / 1P
   20W DC-DC Regulated Single Output Converter
logo
Chinfa Electronics Ind....
WDD20U CHINFA-WDD20U_16 Datasheet
348Kb / 5P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Lineage Power Corporati...
ATH016A0X3 LINEAGEPOWER-ATH016A0X3 Datasheet
568Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.3Vdc Output; 16A output current
logo
MORNSUN Science& Techno...
URE1D12LD-20WR3 MORNSUN-URE1D12LD-20WR3 Datasheet
3Mb / 8P
   20W, Ultra wide input, isolated & regulated Dual output, DC/DC converter
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com