Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEQ60F24-N97 Datasheet(PDF) 2 Page - Astec America, Inc

Part # AEQ60F24-N97
Description  3-5.5Vdc Input, 1.2Vdc - 3.3Vdc Output 20W DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEQ60F24-N97 Datasheet(HTML) 2 Page - Astec America, Inc

  AEQ60F24-N97 Datasheet HTML 1Page - Astec America, Inc AEQ60F24-N97 Datasheet HTML 2Page - Astec America, Inc AEQ60F24-N97 Datasheet HTML 3Page - Astec America, Inc AEQ60F24-N97 Datasheet HTML 4Page - Astec America, Inc AEQ60F24-N97 Datasheet HTML 5Page - Astec America, Inc AEQ60F24-N97 Datasheet HTML 6Page - Astec America, Inc AEQ60F24-N97 Datasheet HTML 7Page - Astec America, Inc AEQ60F24-N97 Datasheet HTML 8Page - Astec America, Inc AEQ60F24-N97 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
-2-
A
A P
PA
A 0
0 6
6 N
N o
o n
n --IIs
s o
o lla
a tte
e d
d P
P o
o w
w e
e rr S
S IIP
P s
s
3
3 V
V --5
5 ..5
5 V
V IIn
n p
p u
u tt,, 1
1 ..2
2 V
V --3
3 ..3
3 V
V O
O u
u ttp
p u
u tt,, 9
9 --2
2 0
0 W
W O
O u
u ttp
p u
u tt
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
www.astec.com
Introduction
Introduction
APA06 series power SIPs are non-isolated DC-
DC modules with wide input voltage range fea-
turing high efficiency up to 88%@2.5Vout,
89%@3.3Vout.
APA06 series comes in 3V to 5.5V input range
and are capable of providing up to 20W of out-
put power in a small size 2.5in.x0.55in.x0.33in.
The module uses a wide input range covering
the old 3.3V input series and 5V input series,
also provides 1.2V, 1.5V, 1.8V, 2.1V, 2.5V and
3.3V output voltage with 6A output current.
APA06 series converters feature high efficien-
cy, high power density, wide operating environ-
ment temperature range, and easy installation.
The typical efficiencies are 89% for 3.3Vout,
88% for 2.5Vout, 86% for 2.1Vout, 83% for
1.8Vout, 81% for 1.5Vout, 78% for 1.2 Vout.
The operating environment temperature can
reach
55°C with natural convection.
With
adjustable output, CNT function (positive or
negative is optional), remote sense, OCP, short
circuit protection and power good signal, the
series are especially suitable for Telecom,
Datacom, work station, severs and distributed
power supply systems.
The APA06 series is designed to meet UL, TUV,
and CSA certifications. UL has been approved.
Features
Features
1. Wide input voltage: 3~5.5V
2. Wide operating environment temperature
range ( 55°C derating with 200LFM )
3. High Efficiency: 89% typical @ 3.3Vout
4. High power density
5. Low output noise
6. Nonisolated output
7. Small size: 63.5mm x 14.0mm x 8.38mm
( 2.5 in. x 0.55 in. x 0.33in. )
8. Remote sense
9. Trim function: 84% - 116% Vo
10. Over-current and short circuit protection
11. Pin to pin enhanced replacement for IPD
SIE05X.XLT
Applications
Applications
1. Distributed power architecture
2. Servers
3. Workstations
4. Desktop computers


Similar Part No. - AEQ60F24-N97

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AEQ60Y48 EMERSON-NETWORKPOWER-AEQ60Y48 Datasheet
189Kb / 2P
   High Efficiency Quarter Brick
AEQ60Y48-3 EMERSON-NETWORKPOWER-AEQ60Y48-3 Datasheet
189Kb / 2P
   High Efficiency Quarter Brick
AEQ60Y48-3L EMERSON-NETWORKPOWER-AEQ60Y48-3L Datasheet
189Kb / 2P
   High Efficiency Quarter Brick
AEQ60Y48-6 EMERSON-NETWORKPOWER-AEQ60Y48-6 Datasheet
189Kb / 2P
   High Efficiency Quarter Brick
AEQ60Y48-63 EMERSON-NETWORKPOWER-AEQ60Y48-63 Datasheet
189Kb / 2P
   High Efficiency Quarter Brick
More results

Similar Description - AEQ60F24-N97

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U_10 Datasheet
423Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SKA20 MEANWELL-SKA20 Datasheet
271Kb / 1P
   20W DC-DC Regulated Single Output Converter
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U Datasheet
409Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE3R306 DELTA-S24SE3R306 Datasheet
710Kb / 12P
   20W Single/Dual Output DC/DC Converter
logo
Mean Well Enterprises C...
SKA20 MEANWELL-SKA20_12 Datasheet
272Kb / 1P
   20W DC-DC Regulated Single Output Converter
logo
Chinfa Electronics Ind....
WDD20U CHINFA-WDD20U_16 Datasheet
348Kb / 5P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Lineage Power Corporati...
ATH016A0X3 LINEAGEPOWER-ATH016A0X3 Datasheet
568Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.3Vdc Output; 16A output current
logo
MORNSUN Science& Techno...
URE1D12LD-20WR3 MORNSUN-URE1D12LD-20WR3 Datasheet
3Mb / 8P
   20W, Ultra wide input, isolated & regulated Dual output, DC/DC converter
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com