Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC40-12S12 Datasheet(PDF) 4 Page - Astrodyne Corporation

Part # FDC40-12S12
Description  Isolated and Regulated 40 WATT Modular DC/DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

FDC40-12S12 Datasheet(HTML) 4 Page - Astrodyne Corporation

  FDC40-12S12 Datasheet HTML 1Page - Astrodyne Corporation FDC40-12S12 Datasheet HTML 2Page - Astrodyne Corporation FDC40-12S12 Datasheet HTML 3Page - Astrodyne Corporation FDC40-12S12 Datasheet HTML 4Page - Astrodyne Corporation FDC40-12S12 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Isolated and Regulated 40 WATT Modular DC/DC Converters
F D C 4 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
OUTPUT DERATING CURVE
MECHANICAL DIMENSIONS
Pin #
Single
Dual
Triple
1
Ctrl
Ctrl
Ctrl
2
+ Vin
+ Vin
+ Vin
3
- Vin
- Vin
- Vin
4
Sync
Sync
Sync
5
+ OutS
+ Vout or 3.3 out
+ Vout
6
Trim
Com
Com
7
- OutS
- Vout or 5 out
- Vout
8
+ Vout
Trim
+5 Out
9
- Vout
No Pin
-5 Out
10
No Pin
No Pin
Trim
2.60 (66.0)
0.60 (15.2)
0.40
(10.2)
0.40
(10.2)
0.40
(10.2)
0.40
(10.2)
0.32
(8.0)
0.40
(10.2)
0.40
(10.2)
0.50
(12.7)
0.70 (17.8)
0.32 (7.6)
0.32 (7.6)
1
2
3
4
5
6 7
8
9
10
Bottom
View
1. All dimensions in Inches (mm)
2. Pin pitch tolerance 0.014 (0.35)
50
60
70
80
90
100
-40 -25
0
-10
25
50
75
100
0
AMBIENT TEMPERATURE (ºC)
FDC40-48S05 Derating Curve
Nature convection
Output can be externally trimmed by
using the method shown below.
( ) for dual output trim
[ ] for triple output trim
{ } XXD3305 only trim 3.3V/5V
EXTERNAL OUTPUT TRIMMING
7 (7) [9] {6}
6 (8) [10] {8}
TRIM UP
RU
6 (8) [10] {8}
5 (5) [8] {5}
TRIM DOWN
RD
EXTERNAL OUTPUT TRIMMING


Similar Part No. - FDC40-12S12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC40-12S12 ETC1-FDC40-12S12 Datasheet
101Kb / 3P
   40 WATTS DC-DC CONVERTER
logo
Volgen Kaga Electronics...
FDC40-12S12 VOLGEN-FDC40-12S12 Datasheet
296Kb / 2P
   SIINGLE,, DUAL AND TRIIPLE OUTPUT,, HIIGH DENSIITY 40 WATTS DC//DC CONVERTERS
logo
Astrodyne Corporation
FDC40-12S12 ASTRODYNE-FDC40-12S12 Datasheet
277Kb / 5P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
More results

Similar Description - FDC40-12S12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
FEC40 ASTRODYNE-FEC40_16 Datasheet
499Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
FDC40 ASTRODYNE-FDC40_16 Datasheet
277Kb / 5P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
FEC40 ASTRODYNE-FEC40 Datasheet
633Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03_16 Datasheet
143Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com