Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC05-24D12 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # FDC05-24D12
Description  Isolated and Regulated 5 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

FDC05-24D12 Datasheet(HTML) 1 Page - Astrodyne Corporation

  FDC05-24D12 Datasheet HTML 1Page - Astrodyne Corporation FDC05-24D12 Datasheet HTML 2Page - Astrodyne Corporation FDC05-24D12 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated and Regulated 5 WATT Modular DC/DC Converters
F D C 0 5 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Wide 2 : 1 Input Range
High Efficiency
Regulated Outputs
1600V Isolation
Full EMI Shielding
Standard Pinouts
Model Number
Output Voltage
Output Amps
Input Range
SINGLE OUTPUT
FDC05-12S33
3.3 VDC
1
9-18 VDC
FDC05-24S33
1
18-36 VDC
FDC05-48S33
1
36-72 VDC
FDC05-12S05
5 VDC
1
9-18 VDC
FDC05-24S05
1
18-36 VDC
FDC05-48S05
1
36-72 VDC
FDC05-12S12
12 VDC
0.47
9-18 VDC
FDC05-24S12
0.47
18-36 VDC
FDC05-48S12
0.47
36-72 VDC
FDC05-12S15
15 VDC
0.4
9-18 VDC
FDC05-24S15
0.4
18-36 VDC
FDC05-48S15
0.4
36-72 VDC
DUAL OUTPUT
FDC05-12D05
+/-5 VDC
+/-0.5
9-18 VDC
FDC05-24D05
+/-0.5
18-36 VDC
FDC05-48D05
+/-0.5
36-72 VDC
FDC05-12D12
+/-12 VDC
+/-0.23
9-18 VDC
FDC05-24D12
+/-0.23
18-36 VDC
FDC05-48D12
+/-0.23
36-72 VDC
FDC05-12D15
+/-15 VDC
+/-0.19
9-18 VDC
FDC05-24D15
+/-0.19
18-36 VDC
FDC05-48D15
+/-0.19
36-72 VDC
Unit measures 1”W x 2”L x 0.375”H
Order On-Line!
astrodyne.com


Similar Part No. - FDC05-24D12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC05-24D12 ETC1-FDC05-24D12 Datasheet
94Kb / 2P
   5 WATTS OUTPUT POWER
logo
Power Mate Technology C...
FDC05-24D12 P-DUKE-FDC05-24D12 Datasheet
210Kb / 2P
   5 WATTS OUTPUT POWER
FDC05-24D12 P-DUKE-FDC05-24D12 Datasheet
393Kb / 2P
   5 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FDC05-24D12 ASTRODYNE-FDC05-24D12 Datasheet
201Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
FDC05-24D12W ETC1-FDC05-24D12W Datasheet
94Kb / 2P
   5 WATTS OUTPUT POWER
More results

Similar Description - FDC05-24D12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
FDC05 ASTRODYNE-FDC05_16 Datasheet
201Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
SB05 ASTRODYNE-SB05_16 Datasheet
388Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05 Datasheet
412Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
SB05 ASTRODYNE-SB05 Datasheet
177Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05_16 Datasheet
149Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
ASD06 ASTRODYNE-ASD06 Datasheet
732Kb / 3P
   Isolated and Regulated 5-6 WATT Modular DC/DC Converters
ASD06 ASTRODYNE-ASD06_16 Datasheet
192Kb / 3P
   Isolated and Regulated 5-6 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com