Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC60-12S15 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # FDC60-12S15
Description  Isolated and Regulated 60 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

FDC60-12S15 Datasheet(HTML) 1 Page - Astrodyne Corporation

  FDC60-12S15 Datasheet HTML 1Page - Astrodyne Corporation FDC60-12S15 Datasheet HTML 2Page - Astrodyne Corporation FDC60-12S15 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated and Regulated 60 WATT Modular DC/DC Converters
F D C 6 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Wide 2 : 1 Input Range
High Efficiency
Regulated Outputs
1600V Isolation
Full EMI Shielding
PI Input Filter
Model Number
Output Voltage
Output Amps
Input Range
SINGLE OUTPUT
FDC60-12S33
3.3 VDC
15
9-18 VDC
FDC60-24S33
15
18-36 VDC
FDC60-48S33
15
36-72 VDC
FDC60-12S05
5 VDC
12
9-18 VDC
FDC60-24S05
12
18-36 VDC
FDC60-48S05
12
36-72 VDC
FDC60-12S12
12 VDC
5
9-18 VDC
FDC60-24S12
5
18-36 VDC
FDC60-48S12
5
36-72 VDC
FDC60-12S15
15 VDC
4
9-18 VDC
FDC60-24S15
4
18-36 VDC
FDC60-48S15
4
36-72 VDC
DUAL OUTPUT
FDC60-12D3305
3.3 / 5 VDC
6 / 6
9-18 VDC
FDC60-24D3305
6 / 6
18-36 VDC
FDC60-48D3305
6 / 6
36-72 VDC
FDC60-12D05
+/-5 VDC
+10 / -2
9-18 VDC
FDC60-24D05
+10 / -2
18-36 VDC
FDC60-48D05
+10 / -2
36-72 VDC
FDC60-12D12
+/-12 VDC
+/-2.5
9-18 VDC
FDC60-24D12
+/-2.5
18-36 VDC
UL E193009;
TUV R2054535;
CB JPTUV-001393
Unit measures 2.76”W x 3.94”L x 0.75”H
Order On-Line!
astrodyne.com


Similar Part No. - FDC60-12S15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC60-12S15 ETC1-FDC60-12S15 Datasheet
92Kb / 2P
   60 WATTS OUTPUT POWER
logo
Astrodyne Corporation
FDC60-12S15 ASTRODYNE-FDC60-12S15 Datasheet
193Kb / 3P
   Isolated and Regulated 60 WATT Modular DC/DC Converters
More results

Similar Description - FDC60-12S15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
FDC60 ASTRODYNE-FDC60_16 Datasheet
193Kb / 3P
   Isolated and Regulated 60 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03_16 Datasheet
143Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
FEC40 ASTRODYNE-FEC40_16 Datasheet
499Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30_16 Datasheet
189Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com